Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5308 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 2Page - ON Semiconductor CS5308 Datasheet HTML 3Page - ON Semiconductor CS5308 Datasheet HTML 4Page - ON Semiconductor CS5308 Datasheet HTML 5Page - ON Semiconductor CS5308 Datasheet HTML 6Page - ON Semiconductor CS5308 Datasheet HTML 7Page - ON Semiconductor CS5308 Datasheet HTML 8Page - ON Semiconductor CS5308 Datasheet HTML 9Page - ON Semiconductor CS5308 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CS5308
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.0 V < VCCH1 = VCCH2 < 20 V;
4.5 V < VCCL =VCCL12 < 14 V; CGATE = 3.3 nF, RROSC = 32.4 k, CCOMP = 0.1 mF, CREF = 0.1 mF, DAC Code 01000 (1.65 V),
CVCC = 0.1 mF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
GATES
Fall Time GATEx
8.0 V > GATE > 1.0 V; VCCx = 10 V
35
80
ns
GATE(H)x to GATE(L)x Delay
GATE(H)x < 2.0 V,
GATE(L)x > 2.0 V
30
65
110
ns
GATE(L)x to GATE(H)x Delay
GATE(L)x < 2.0 V,
GATE(H)x > 2.0 V
30
65
110
ns
GATE Pull−down
Force 100 mA into Gate with no power applied
to VCCHx and VCCLx = 2.0 V
1.2
1.6
V
Oscillator
Switching Frequency
ROSC = 32.4 k
340
400
460
kHz
Switching Frequency
ROSC = 63.4 k, Note 4.
150
200
250
kHz
Switching Frequency
ROSC = 16.2 k, Note 4.
600
800
1000
kHz
ROSC Voltage
1.0
V
Phase Delay
Rising edge only
165
180
195
deg
Adaptive Voltage Positioning
VDRP Offset
CS1 = CS2 = CSREF, VFB = COMP, Measure
VDRP − COMP
−15
15
mV
VDRP Operating Voltage Range
Measure VDRP − GND, Note 4.
0.1
2.3
V
Maximum VDRP Voltage
(CS1 = CS2) − CSREF = 50 mV,
VFB = COMP
Measure VDRP − COMP
260
320
400
mV
Current Share Amp to VDRP Gain
2.6
3.2
4.0
V/V
Current Sensing and Sharing
CS1 − CS2 Input Bias Current
V(Cx) = V(CSREF) = 0 V
0.1
2.0
mA
CSREF Input Bias Current
0.5
2.0
mA
Current Sense Amplifier Gain
3.05
3.50
3.95
V/V
Current Sense Amp Mismatch (The
sum of gain and offset errors.)
0 < CSx − CSREF < 50 mV.
Note 4.
−5.0
5.0
mV
Current Sense Input to ILIM Gain
ILIM = 1.0 V
5.5
6.5
7.5
V/V
Current Limit Filter Slew Rate
Note 4.
7.5
15
40
mV/ms
ILIM Operating Voltage Range
Note 4.
0.1
1.3
V
ILIM Bias Current
0 V < ILIM < 1.0 V
0.1
1.0
mA
Single Phase Pulse by Pulse Current
Limit: V(Cx) − V(CSREF)
90
105
135
mV
Current Sense Amplifier Bandwidth
Note 4.
1.0
MHz
4. Guaranteed by design. Not tested in production.


Similar Part No. - CS5308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
   Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com