Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51021A Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS51021A
Description  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51021A Datasheet(HTML) 4 Page - ON Semiconductor

  CS51021A Datasheet HTML 1Page - ON Semiconductor CS51021A Datasheet HTML 2Page - ON Semiconductor CS51021A Datasheet HTML 3Page - ON Semiconductor CS51021A Datasheet HTML 4Page - ON Semiconductor CS51021A Datasheet HTML 5Page - ON Semiconductor CS51021A Datasheet HTML 6Page - ON Semiconductor CS51021A Datasheet HTML 7Page - ON Semiconductor CS51021A Datasheet HTML 8Page - ON Semiconductor CS51021A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, specifications apply for −40
°C < TA < 85°C, −40°C < TJ < 150°C,
3.0 V < VC < 20 V, 8.2 V < VCC < 20 V, RT = 12 kW, CT = 390 pF)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Oscillator
Accuracy
RT = 12 k, CT = 390 pF
230
255
280
kHz
Voltage Stability
Delta Frequency 8.2 V < VCC < 20 V
2.0
3.0
%
Temperature Stability
TMIN < TA < TMAX, (Note 3)
8.0
%
Min Charge & Discharge Time
(Note 3)
0.333
ms
Duty Cycle Accuracy
RT = 12 k, CT = 390 pF
70
77
83
%
Peak Voltage
(Note 3)
3.0
V
Valley Voltage
(Note 3)
1.5
V
Valley Clamp Voltage
10 k Resistor to ground on RTCT
1.2
1.4
1.6
V
Discharge Current
0.8
1.0
1.2
mA
Discharge Current
TA = 25
°C, Note 3
0.925
1.0
1.075
mA
Synchronization (CS51021A/3A)
Input Threshold
1.0
1.5
2.7
V
Output Pulsewidth
160
260
400
ns
Output High Voltage
ISYNC = 100 mA
3.5
4.3
4.8
V
Input Resistance
(Note 3)
35
70
140
k
W
Drive Delay
SYNC to GATE RESET
80
120
150
ns
Output Drive Current
1.0 k Load
1.25
2.0
3.5
mA
SLEEP (CS51022A/4A)
SLEEP Input Threshold
Active High
1.0
1.5
2.7
V
SLEEP Input Current
VSLEEP = 4.0 V
11
25
46
mA
ICC @ SLEEP
VCC ≤ 15 V
50
100
mA
GATE Driver
HIGH Voltage
Measure VC − GATE, VC = 10 V, 150 mA Load
1.5
2.2
V
LOW Voltage
Measure GATE − PGND, 150 mA SINK
1.2
1.5
V
HIGH Voltage Clamp
VC = 20 V, 1.0 nF
11
13.5
16
V
LOW Voltage Clamp
Measured at 10 mA Output Current
0.6
0.8
V
Peak Current
VC = 20 V, 1.0 nF, (Note 3)
1.0
A
UVL Leakage
VC = 20 V measured at 0 V
−1.0
−50
mA
RISE Time
Load = 1.0 nF, 1.0 V < GATE < 9.0 V,
VC = 20 V, TA = 25°C
60
100
ns
FALL Time
Load = 1.0 nF, 9.0 V > GATE > 1 .0 V,
VC = 20 V
15
40
ns
SLOPE Compensation
Charge Current
SLOPE = 2.0 V
−63
−53
−43
mA
COMP Gain
Fraction of slope voltage added to ISENSE,
(Note 3)
0.095
0.100
0.105
V/V
Discharge Voltage
SYNC = 0 V
0.1
0.2
V
3. Guaranteed by design, not 100% tested in production.


Similar Part No. - CS51021A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51021AA ONSEMI-CS51021AA Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - CS51021A

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com