Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51023A Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS51023A
Description  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51023A Datasheet(HTML) 3 Page - ON Semiconductor

  CS51023A Datasheet HTML 1Page - ON Semiconductor CS51023A Datasheet HTML 2Page - ON Semiconductor CS51023A Datasheet HTML 3Page - ON Semiconductor CS51023A Datasheet HTML 4Page - ON Semiconductor CS51023A Datasheet HTML 5Page - ON Semiconductor CS51023A Datasheet HTML 6Page - ON Semiconductor CS51023A Datasheet HTML 7Page - ON Semiconductor CS51023A Datasheet HTML 8Page - ON Semiconductor CS51023A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, specifications apply for −40
°C < TA < 85°C, −40°C < TJ < 150°C,
3.0 V < VC < 20 V, 8.2 V < VCC < 20 V, RT = 12 kW, CT = 390 pF)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Under Voltage Lockout
START Threshold (CS51021A/2A)
7.95
8.25
8.8
V
START Threshold (CS51023A/4A)
12.4
13
13.4
V
STOP Threshold
7.4
7.7
8.2
V
Hysteresis (CS51021A/2A)
0.50
0.75
1.00
V
Hysteresis (CS51023A/4A)
4.0
5.0
6.0
V
ICC @ Startup (CS51021A/2A)
VCC < UVSTART Threshold
40
75
mA
ICC @ Startup (CS51023A/4A)
VCC < UVSTART Threshold
45
75
mA
ICC Operating (CS51021A/3A)
7.0
9.0
mA
ICC Operating (CS51022A/4A)
6.0
8.0
mA
ICC Operating
Includes 1.0 nF Load
7.0
12
mA
Voltage Reference
Initial Accuracy
TA = 25°C, IREF = 2.0 mA, VCC = 14 V, (Note 2)
4.95
5.0
5.05
V
Total Accuracy
1.0 mA < IREF < 10 mA
4.9
5.0
5.15
V
Line Regulation
8.2 V < VCC < 18 V, IREF = 2.0 mA
6.0
20
mV
Load Regulation
1.0 mA < IREF < 10 mA
6.0
15
mV
NOISE Voltage
(Note 2)
50
mV
OP Life Shift
T = 1000 Hours, (Note 2)
4.0
20
mV
FAULT Voltage
Force VREF
0.90
× VREF 0.93 × VREF
0.95
× VREF
V
OK Voltage
Force VREF
0.94
× VREF 0.96 × VREF 0.985 × VREF
V
OK Hysteresis
Force VREF
75
165
250
mV
Current Limit
Force VREF
−20
mA
Error Amplifier
Initial Accuracy
TA = 25°C, IREF = 2.0 mA, VCC = 14 V,
VFB = COMP, (Note 2)
2.465
2.515
2.565
V
Reference Voltage
VFB = COMP
2.440
2.515
2.590
V
VFB Leakage Current
VFB = 0 V
−0.2
−2.0
mA
Open Loop Gain
1.4 V < COMP < 4.0 V, (Note 2)
60
90
dB
Unity Gain Bandwidth
(Note 2)
1.5
2.5
MHz
COMP Sink Current
COMP = 1.5 V, VFB = 2.7 V
2.0
6.0
mA
COMP Source Current
COMP = 1.5 V, VFB = 2.3 V
−0.2
−0.5
mA
COMP High Voltage
VFB = 2.3 V
4.35
4.8
5.0
V
COMP Low Voltage
VFB = 2.7 V
0.4
0.8
1.2
V
PS Ripple Rejection
FREQ = 120 Hz, (Note 2)
60
85
dB
SS Clamp, VCOMP
VSS = 2.5 V, VFB = 0 V, ISET = 2.0 V
2.4
2.5
2.6
V
ILIM(SET) Clamp
(Note 2)
0.95
1.0
1.15
V
2. Guaranteed by design, not 100% tested in production.


Similar Part No. - CS51023A

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51023 CHERRY-CS51023 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51023ED16 CHERRY-CS51023ED16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51023EDR16 CHERRY-CS51023EDR16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
More results

Similar Description - CS51023A

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com