Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL126TRD Datasheet(PDF) 3 Page - ON Semiconductor

Part # DL126TRD
Description  Tape & Reel and Packaging Specifications for Small-Signal Transistors, FETs and Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DL126TRD Datasheet(HTML) 3 Page - ON Semiconductor

  DL126TRD Datasheet HTML 1Page - ON Semiconductor DL126TRD Datasheet HTML 2Page - ON Semiconductor DL126TRD Datasheet HTML 3Page - ON Semiconductor DL126TRD Datasheet HTML 4Page - ON Semiconductor DL126TRD Datasheet HTML 5Page - ON Semiconductor DL126TRD Datasheet HTML 6Page - ON Semiconductor DL126TRD Datasheet HTML 7Page - ON Semiconductor DL126TRD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DL126TRS/D
http://onsemi.com
3
Figure 3
. CARRIER TAPE SPECIFICATIONS
P0
K
t
B1
K0
Top Cover
Tape
Embossment
User Direction of Feed
Center
Lines
of Cavity
D
P2
10 Pitches Cumulative Tolerance on
Tape
± 0.2 mm
(
± 0.008″)
E
F
W
P
B0
A0
D1
For Components
2.0 mm x 1.2 mm and
Larger
* Top Cover Tape
Thickness (t1)
0.10 mm
(.004
″) Max.
Embossment
Embossed
Carrier
R Min
Bending Radius
Maximum Component
Rotation
Typical Component
Cavity Center Line
Typical Component
Center Line
100 mm
(3.937
″)
250 mm
(9.843
″)
1 mm
(.039
″) Max
1 mm Max
10°
Tape and Components
Shall Pass Around Radius “R”
Without Damage
Tape
For Machine Reference
Only
Including Draft and RADII
Concentric Around B0
Camber (Top View)
Allowable Camber To Be 1 mm/100 mm Nonaccumulative Over 250 mm
See
Note 1
Bar Code Label
Table 2. DIMENSIONS
Tape
Size
B1 Max
D
D1
E
F
K
P0
P2
R Min
T Max
W Max
8mm
4.55mm
(.179″)
1.5+0.1mm
-0.0
1.0Min
(.039″)
1.75±0.1mm
(.069±.004″)
3.5±0.05mm
(.138±.002″)
2.4mmMax
(.094″)
4.0±0.1mm
(.157±.004″)
2.0±0.1mm
(.079±.002″)
25mm
(.98″)
0.6mm
(.024″)
8.3mm
(.327″)
12mm
8.2mm
(.323″)
0.0
(.059+.004″
-0.0)
1.5mmMin
(.060″)
(.069±.004 )
5.5±0.05mm
(.217±.002″)
6.4mmMax
(.252″)
(.157±.004 )
(.079±.002 )
30mm
(1.18″)
(.024 )
12±.30mm
(.470±.012″)
16mm
12.1mm
(.476″)
(.060 )
7.5±0.10mm
(.295±.004″)
7.9mmMax
(.311″)
(1.18 )
16.3mm
(.642″)
24mm
20.1mm
(.791″)
11.5±0.1mm
(.453±.004″)
11.9mmMax
(.468″)
24.3mm
(.957″)
Metric dimensions govern — English are in parentheses for reference only.
1. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min. to
0.50 mm max., the component cannot rotate more than 10
° within the determined cavity.
2. If B1 exceeds 4.2 mm (0.165) for 8 mm embossed tape, the tape may not feed through all tape feeders.
3. Pitch information is contained in Table 1. Embossed Tape and Reel Ordering Information on pg. 1.


Similar Part No. - DL126TRD

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DL120 WINNERJOIN-DL120 Datasheet
121Kb / 2P
   Silicon epitaxial planer type
logo
Electronic devices inc.
DL1200 EDI-DL1200 Datasheet
37Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
SHINMEI ELECTRIC CO., L...
DL1221D SHINMEI-DL1221D Datasheet
54Kb / 2P
   Popular 12x21x9.5mm Self-Latching Type SOLENOIDS DL1221D Series
DL1221D-020-5 SHINMEI-DL1221D-020-5 Datasheet
54Kb / 2P
   Popular 12x21x9.5mm Self-Latching Type SOLENOIDS DL1221D Series
DL1221D-031 SHINMEI-DL1221D-031 Datasheet
54Kb / 2P
   Popular 12x21x9.5mm Self-Latching Type SOLENOIDS DL1221D Series
More results

Similar Description - DL126TRD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
logo
Analog Devices
ADR3440ARJZ AD-ADR3440ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Reed Relays and Electro...
R2B RRE-R2B Datasheet
96Kb / 1P
   Tape and reel specifications
logo
Frontier Electronics.
100505 FRONTIER-100505 Datasheet
121Kb / 5P
   Tape and Reel Specifications
logo
Reed Relays and Electro...
R3-S RRE-R3-S Datasheet
95Kb / 1P
   Tape and reel specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com