Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51021AEDR16 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS51021AEDR16
Description  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51021AEDR16 Datasheet(HTML) 2 Page - ON Semiconductor

  CS51021AEDR16 Datasheet HTML 1Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 2Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 3Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 4Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 5Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 6Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 7Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 8Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
2
VC
VREF
COMP
VFB
RTCT
SYNC/
CSS
VCC
UV
OV
ISET
SLOPE
GATE
ISENSE
PGND
LGND
SLEEP
22 k
4700 pF
51 k
10 k
0.01
mF
24.3 k,
1.0%
200 k,
1.0%
2.49 k,
1.0%
BA521
IRF6345
6.98 k,
1.0%
6.98 k,
1.0%
470 pF
100 p
100
10 k
62
680 pF
100
mF 100 mF
VOUT
SGND
(5 V/5 A)
10
FZT688
SYNC/SLEEP
22
mF
18 V
BAS21
51 k
11 V
(36 V to 72 V)
PGND
0.01
mF
1.0
mF
100
100:1
4:1
2:5
10
VIN
MOC81025
TL431
1000 pF
5.1 k
0.1
mF
2.0 k, 1.0%
2.0 k,
1.0%
1.0 k
180
1.0 K
10 K
330 pF
Figure 1. Typical Application Diagram, 36−72 V to 5.0 V, 5.0 A DC−DC Converter
MAXIMUM RATINGS*
Rating
Value
Unit
Power Supply Voltage, VCC
−0.3, 20
V
Driver Supply Voltage, VC
−0.3, 20
V
SYNC, SLEEP, RTCT, SOFT−START, VFB, SLOPE, ISENSE, UV, OV, ISET (Logic Pins)
0.25 to VREF
V
Peak GATE Output Current
1.0
A
Steady State Output Current
±0.2
A
Operating Junction Temperature, TJ
150
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD (Human Body Model)
2.0
kV
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
*The maximum package power dissipation must be observed.
1. 60 second maximum above 183
°C.


Similar Part No. - CS51021AEDR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51021AA ONSEMI-CS51021AA Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - CS51021AEDR16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com