Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


MC100E310 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC100E310
Description  5V ECL Low Voltage 2:8 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 5 page
background image
MC100E310
http://onsemi.com
5
Table 6. AC CHARACTERISTICS VCCx = 5.0 V; VEE= 0 V or VCCx = 0 V; VEE = −5.0 V (Note 7)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
700
900
700
900
700
900
MHz
tPLH
tPHL
Propagation Delay to Output
IN (differential) (Note 8)
IN (single−ended) (Note 9)
525
500
725
750
550
550
750
800
575
600
775
850
ps
tskew
Within−Device Skew (Note 10)
Part−to−Part Skew (Diff)
75
250
50
200
50
200
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
VPP
Input Voltage Swing
(Differential Configuration)
500
500
500
mV
tr/tf
Output Rise/Fall Time
(20%−80%)
200
600
200
600
200
600
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. VEE can vary −0.46 V / +0.8 V.
8. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals. See Definitions and Testing of ECLinPS AC Parameters in Chapter 1 (page 1−12) of the ON Semiconductor
High Performance ECL Data Book (DL140/D).
9. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
10.The within−device skew is defined as the worst case difference between any two similar delay paths within a single device.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC100E2105V ECL Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
IDT8535-01LOW SKEW 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
TC7MA157FKLow Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
IC62LV12816DL128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
ADG701LCMOS Low Voltage 2 OHM SPST Switches 1 2 3 4 5 MoreAnalog Devices
LT6402-20300MHz Low Distortion Low Noise Differential Amplifier/ ADC Driver AV = 20dB 1 2 3 4 5 MoreLinear Technology
ADA4922-1High Voltage Differential 18-Bit ADC Driver 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl