Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP16FMNR4 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC100EP16FMNR4
Description  3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16FMNR4 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC100EP16FMNR4 Datasheet HTML 2Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 3Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 4Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 5Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 6Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 7Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 8Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 9Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC100EP16F
http://onsemi.com
10
PACKAGE DIMENSIONS
DFN8
CASE 506AA−01
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994 .
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2 X
REFERENCE
2 X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
(A3)
D2
E2
C
C
0.10
C
0.10
C
0.08
8 X
A1
SEATING
PLANE
e/2
e
8 X
K
NOTE 3
b
8 X
0.10 C
0.05 C
A BB
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
2.00 BSC
D2
1.10
1.30
E
2.00 BSC
E2
0.70
0.90
e
0.50 BSC
K
0.20
−−−
L
0.25
0.35
1
1
4
8
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC100EP16F/D
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MC100EP16FMNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16FD ONSEMI-MC100EP16FD Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP16FDG ONSEMI-MC100EP16FDG Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16FDR2G ONSEMI-MC100EP16FDR2G Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16FDTG ONSEMI-MC100EP16FDTG Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16FDTR2G ONSEMI-MC100EP16FDTR2G Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
More results

Similar Description - MC100EP16FMNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100EP16F ONSEMI-MC100EP16F_16 Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16VS MICREL-SY100EL16VS Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com