Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJL0281A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJL0281A
Description  Complementary NPN-PNP Power Bipolar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJL0281A Datasheet(HTML) 3 Page - ON Semiconductor

  MJL0281A Datasheet HTML 1Page - ON Semiconductor MJL0281A Datasheet HTML 2Page - ON Semiconductor MJL0281A Datasheet HTML 3Page - ON Semiconductor MJL0281A Datasheet HTML 4Page - ON Semiconductor MJL0281A Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJL0281A (NPN) MJL0302A (PNP)
http://onsemi.com
3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
100
IC, COLLECTOR CURRENT (A)
Figure 3. MJL0281A DC Current Gain
100
°C
−25
°C
25
°C
Figure 4. MJL0302A DC Current Gain
VCE = 5.0 V
IC, COLLECTOR CURRENT (A)
Figure 5. MJL0281A Base−Emitter Voltage
IC, COLLECTOR CURRENT (A)
0.01
0.1
1
10
100
Figure 6. MJL0302A Base−Emitter Voltage
IC, COLLECTOR CURRENT (A)
VCE = 5.0 V
25
°C
−25
°C
100
°C
10
100
500
0.05 0.1
1
10
50
100
°C
−25
°C
25
°C
VCE = 5.0 V
−0.1
0.4
0.9
1.4
1.9
2.4
10
100
500
0.05 0.1
1
10
50
100
°C
−25
°C
25
°C
VCE = 5.0 V
Figure 7. MJL0281A Saturation Voltage
0.01
0.1
1
10
0.01
0.1
1
10
100
IC/IB= 10
25
°C
−25
°C
100
°C
IC, COLLECTOR CURRENT (A)
0.01
0.1
1
10
0.01
0.1
1
10
100
25
°C
100
°C
100
°C
−25
°C
Figure 8. MJL0302A Saturation Voltage
IC, COLLECTOR CURRENT (A)
IC/IB= 10


Similar Part No. - MJL0281A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJL1302 MOTOROLA-MJL1302 Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
logo
ON Semiconductor
MJL1302 ONSEMI-MJL1302 Datasheet
147Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 11
logo
Motorola, Inc
MJL1302A MOTOROLA-MJL1302A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
logo
ON Semiconductor
MJL1302A ONSEMI-MJL1302A Datasheet
147Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 11
MJL1302A ONSEMI-MJL1302A Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
More results

Similar Description - MJL0281A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJW0281AG ONSEMI-MJW0281AG Datasheet
63Kb / 6P
   Complementary NPN?뭁NP Power Bipolar Transistors
June, 2005 ??Rev. 2
MJL4281A ONSEMI-MJL4281A_13 Datasheet
102Kb / 5P
   Complementary NPN-PN Silicon Power Bipolar Transistors
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com