Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3491AR-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3491AR-REEL7
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3491AR-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3491AR-REEL7 Datasheet HTML 6Page - Analog Devices ADM3491AR-REEL7 Datasheet HTML 7Page - Analog Devices ADM3491AR-REEL7 Datasheet HTML 8Page - Analog Devices ADM3491AR-REEL7 Datasheet HTML 9Page - Analog Devices ADM3491AR-REEL7 Datasheet HTML 10Page - Analog Devices ADM3491AR-REEL7 Datasheet HTML 11Page - Analog Devices ADM3491AR-REEL7 Datasheet HTML 12Page - Analog Devices ADM3491AR-REEL7 Datasheet HTML 13Page - Analog Devices ADM3491AR-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 10 of 20
D
OUT
CL =50pF2
GENERATOR1
50Ω
S1
0V OR 3V
VCC
RL = 110Ω
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO =50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 13. Driver Enable and Disable Times (tPZL, tPSL, tPLZ)
GENERATOR1
50Ω
CL =15pF2
R
1.5V
0
VOM =
VCC
2
OUT
VID
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO =50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 14. Receiver Propagation Delays
R
GENERATOR1
50Ω
CL2
S3
S1
S2
VCC
+1.5V
–1.5V
VID
1kΩ
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO =50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 15. Receiver Enable and Disable Times


Similar Part No. - ADM3491AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3491AR-REEL7 AD-ADM3491AR-REEL7 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results

Similar Description - ADM3491AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com