Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRS212-220 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BRS212-220
Description  Breakover diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BRS212-220 Datasheet(HTML) 3 Page - NXP Semiconductors

  BRS212-220 Datasheet HTML 1Page - NXP Semiconductors BRS212-220 Datasheet HTML 2Page - NXP Semiconductors BRS212-220 Datasheet HTML 3Page - NXP Semiconductors BRS212-220 Datasheet HTML 4Page - NXP Semiconductors BRS212-220 Datasheet HTML 5Page - NXP Semiconductors BRS212-220 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Breakover diodes
BRS212 series
Fig.1. Definition of breakover diode characteristics.
Fig.2. Test waveform for high voltage impulse (I
PP)
according to CCITT vol IX-Rec K17.
Fig.3. Maximum permissible non-repetitive on-state
current based on sinusoidal currents; f = 50 Hz;
device triggered at the start of each pulse; T
j = 70˚C
prior to surge.
Fig.4. Normalised avalanche breakdown voltage V
(BR)
and V
(BO) as a function of temperature.
Fig.5. On-state current as a function of on-state
voltage; t
p = 200 µs to avoid excessive dissipation.
Fig.6. Maximum off-state current as a function of
temperature.
VT
IT
IH
V(BO)
IS
ID
VD
current
voltage
Symbol
V(BR)
I(BR)
Symmetric BOD
-40
-20
0
20
40
60
80
100
Tj / C
V(BR)(Tj)
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
0.90
V(BR)(25 C)
100%
90%
50%
30%
I
5us
310us
time
current
0
PP
123
4
0
5
10
15
20
Tj = 25 C
Tj = 150 C
IT / A
VT / V
typ
max
1
10
100
1000
10000
0
5
10
15
20
BR211
Number of impulses
ITSM / A
I
ITSM
time
-40
-20
0
20
40
60
80
100
Tj / C
ID / uA
0.1
1
10
100
max
January 1997
3
Rev 1.000


Similar Part No. - BRS212-220

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BRS2B16E AGERE-BRS2B16E Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
BRS2B16E-TR AGERE-BRS2B16E-TR Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
BRS2B16G AGERE-BRS2B16G Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
BRS2B16G-TR AGERE-BRS2B16G-TR Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
BRS2B16NB AGERE-BRS2B16NB Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
More results

Similar Description - BRS212-220

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
List of Unclassifed Man...
CR0300 ETC1-CR0300 Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com