Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2821XCHIP-02KWP Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2821XCHIP-02KWP
Description  11.1 Gbps 3.3V Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2821XCHIP-02KWP Datasheet(HTML) 3 Page - Analog Devices

  ADN2821XCHIP-02KWP Datasheet HTML 1Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 2Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 3Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 4Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 5Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 6Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 7Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Technical Data
ADN2821
Rev. PrL | Page 3 of 8
ELECTRICAL SPECIFICATIONS
Table 1.
Parameter
Conditions1
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Bandwidth (BW)2
−3 dB
8
9.5
GHz
Total Input RMS Noise (IRMS)2
DC to 10GHz
1.1
1.3
µA
Small Signal Trans-impedance (TZ)
ADN2821_2, 100 MHz
1500
2000
2500
V/A
ADN2821_5, 100 MHz
3500
5000
6500
V/A
ADN2821_10, 100 MHz
6000
10000
15000
V/A
Trans-impedance Ripple2
50 MHz to 5 GHz
±1
dB
Group Delay Variation2
50 MHz to 8 GHz
±10
ps
Low Frequency Cut-Off
CLF = 1000 pF
15
kHz
Output Return Loss2
DC to 8 GHz, differential
−12
−10
dB
Total pk-pk Jitter2
IIN,PK- PK = 2.0 mA, 4 dB ER
5
TBD
ps
Input Overload Current3, 2
Pav, 10-12 BER, 10 dB ER
TBD
3.25
dBm
Maximum Output Swing
p-p diff, IIN,PK- PK = 2.5mA
400
520
650
mV
Linear Output Range
p-p, < 1 dB gain compression
400
mV
Power Supply Noise Rejection
<10MHz
TBD
dB
DC PERFORMANCE
Power Dissipation
IIN,AVE = 0.1 mA, Vcc = 3.3 V ± 5%
150
200
mW
Input Voltage
0.85
V
Output Impedance
single-ended
50
PD FILTER Resistance
RF
200
PD FILTER Capacitance
CF
20
pF
RSSI Sensitivity
IIN, AVE = 0 uA to 1 mA
0.8
V/mA
RSSI Offset
IIN, AVE = 0 uA
TBD
mV
1 Min/Max Vcc = +3.3V ± 0.3V, Ta = −40°C to +95°C; Typ Vcc = 3.3V, Tambient = +25C
2 Photodiode capacitance CD = 0.22pF ± 0.04pF, Photodiode resistance = 15Ω, CB = 100pF Bond inductance LIN = LFILTER = 0.3nH ± 0.1nH; LOUT = LOUTB = 0.5nH ± 0.1nH
Load impedance = 50Ω (each output, AC coupled)
3 10-12 BER, 10dB extinction ratio, 0.85 A/W PD responsivity


Similar Part No. - ADN2821XCHIP-02KWP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
More results

Similar Description - ADN2821XCHIP-02KWP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
   2.5 Gbps Transimpedance Amplifier
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
   10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
logo
OKI electronic componet...
KGA4133 OKI-KGA4133 Datasheet
92Kb / 4P
   12.5 Gbps Transimpedance Amplifier IC
logo
Vitesse Semiconductor C...
VSC7878 VITESSE-VSC7878 Datasheet
465Kb / 2P
   10 Gbps Linear Transimpedance Amplifier
logo
Texas Instruments
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com