Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


NB4N840M Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NB4N840M
Description  3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 2 page
background image
NB4N840M
http://onsemi.com
2
Table 1. TRUTH TABLE
SELA0/SELB0
SELA1/SELB1
ENA0/ENA1
ENB0/ENB1
QA0/QB0
QA1/QB1
Function
L
L
H
H
DA0/DB0
DA0/DB0
1:2 Fanout
L
H
H
H
DA0/DB0
DA1/DB1
Quad Repeater
H
L
H
H
DA1/DB1
DA0/DB0
Crosspoint Switch
H
H
H
H
DA1/DB1
DA1/DB1
1:2 Fanout
X
X
L
L
Disable/Power Down
Disable/Power Down
No output (@ VCC)
Figure 2. Pin Configuration (Top View)
32
31
30
29
28
27
26
25
9
10
11
12
1314
1516
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
ENB1
SELB1
DB1
DB1
DB0
ENB0
SELB0
DB0
GND
VCC
QA0
QA1
QA1
VCC
QA0
VCC
NB4N840M




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
NB4N527S3.3V 2.5Gb/s Dual AnyLevelâ„¢ to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination 1 2 3 4 5 MoreON Semiconductor
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
ATR08414-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1 2 3 4 5 MoreATMEL Corporation
MC100EP16F3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing 1 2 3 4 5 MoreON Semiconductor
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
EMD4DXV6T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl