Electronic Components Datasheet Search
Selected language     English  â–¼

Delete All
ON OFF

Advanced Search

              





NB6L11M Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NB6L11M
Description  2.5V / 3.3V 1:2 Differential CML Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 6 page
background image
NB6L11M
http://onsemi.com
6
Figure 3. Input Structure
50 W
50 W
VTD
VTD
VCC
D
D
RC
RC
I
D
Vth
D
Vth
Figure 4. Differential Input Driven
Single−Ended
VIH
VIL
VIHmax
VILmax
VIH
Vth
VIL
VIHmin
VILmin
VCC
Vthmax
Vthmin
VEE
Vth
Figure 5. Vth Diagram
D
D
Figure 6. Differential Inputs
Driven Differentially
VILD(MAX)
VIHD(MAX)
VIHD
VILD
VIHD(MIN)
VIL(MIN)
VCMR
GND
VID = VIHD − VILD
VCC
D
D
Q
Q
tPD
tPD
VOUTPP = VOH(Q) − VOL(Q)
VINPP = VIH(D) − VIL(D)
Figure 7. Differential Inputs Driven Differentially
Figure 8. VCMR Diagram
Figure 9. AC Reference Measurement
VIHD
VILD
VID = |VIHD(D) − VILD(D)|
D
D




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC100E2105V ECL Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC100E3105V ECL Low Voltage 2:8 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
IDTQS3VH251QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
NB3N5513.3 V / 5.0 V Ultra-Low Skew 1:4 Clock Fanout Buffer 1 2 3 4 5 ON Semiconductor
SY88343DL3.3V 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal 1 2 3 4 5 MoreMicrel Semiconductor
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
MC100EP16F3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing 1 2 3 4 5 MoreON Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl