Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


NB6L11M Datasheet(HTML) 2 Page - ON Semiconductor

Part No. NB6L11M
Description  2.5V / 3.3V 1:2 Differential CML Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NB6L11M Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 page
background image
NB6L11M
http://onsemi.com
2
VCC VREFAC VEE VCC
VCC VEE VEE VCC
Q0
Q0
Q1
Q1
VTD
D
D
VTD
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NB6L11M
Exposed Pad (EP)
Figure 2. Pin Configuration (Top View)
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
1
VTD
Internal 50 W Termination Pin for D input.
2
D
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Input. Note 1. Internal 50 W Resistor to Termination Pin, VTD.
3
D
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Inverted Differential Input. Note 1. Internal 50 W Resistor to Termination Pin, VTD.
4
VTD
Internal 50 W Termination Pin for D input.
5
VCC
Positive Supply Voltage
6
VREFAC
Output Reference Voltage for direct or capacitor coupled inputs
7
VEE
Negative Supply Voltage
8
VCC
Positive Supply Voltage
9
Q1
CML Output
Inverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
10
Q1
CML Output
Noninverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
11
Q0
CML Output
Inverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
12
Q0
CML Output
Noninverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
13
VCC
Positive Supply Voltage
14
VEE
Negative Supply Voltage
15
VEE
Negative Supply Voltage
16
VCC
Positive Supply Voltage
EP
The Exposed Pad (EP) on the QFN−16 package bottom is thermally connected to the die for
improved heat transfer out of package. The exposed pad must be attached to a heat−sinking
conduit. The pad is not electrically connected to the die, but is recommended to be electrically
and thermally connected to VEE on the PC board.
1. In the differential configuration when the input termination pins (VTD, VTD) are connected to a common termination voltage or left open, and
if no signal is applied on D/D input, then, the device will be susceptible to self−oscillation.
2. All VCC and VEE pins must be externally connected to a power supply for proper operation.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn