Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


NB6L11M Datasheet(HTML) 3 Page - ON Semiconductor

Part No. NB6L11M
Description  2.5V / 3.3V 1:2 Differential CML Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NB6L11M Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 page
background image
NB6L11M
http://onsemi.com
3
Table 2. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
Machine Model
> 2 kV
> 200V
Moisture Sensitivity
16−QFN
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
VEE = 0 V
4.0
V
VEE
Negative Power Supply
VCC = 0 V
−4.0
V
VIO
Positive Input/Output Voltage
Negative Input/Output Voltage
VEE = 0 V
VCC = 0 V
−0.5 v VIo v VCC + 0.5
+0.5 v VIo v VEE − 0.5
4.0
−4.0
V
V
VINPP
Differential Input Voltage |D − D|
VCC − VEE
V
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
mA
IOUT
Output Current (CML Output)
Continuous
Surge
25
50
mA
mA
IVREFAC
VREFAC Sink/Source Current
$0.5
mA
TA
Operating Temperature Range
16 QFN
−40 to +85
_C
Tstg
Storage Temperature Range
−65 to +150
_C
qJA
Thermal Resistance (Junction−to−Ambient)
(Note 3)
0 lfmp
500 lfmp
QFN−16
QFN−16
42
35
_C/W
_C/W
qJC
Thermal Resistance (Junction−to−Case)
(Note 3)
QFN−16
4
_C/W
Tsol
Wave Solder Pb−Free
265
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
3. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn