Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


NB6L11M Datasheet(HTML) 4 Page - ON Semiconductor

Part No. NB6L11M
Description  2.5V / 3.3V 1:2 Differential CML Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NB6L11M Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 page
background image
NB6L11M
http://onsemi.com
4
Table 4. DC CHARACTERISTICS, Multi−Level Inputs VCC = 2.375 V to 3.63 V, VEE = 0 V, or VCC = 0 V, VEE = −2.375 V to
−3.63 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
POWER SUPPLY CURRENT
ICC
Power Supply Current (Inputs and Outputs Open)
45
60
75
mA
CML OUTPUTS (Notes 4 and 5)
VOH
Output HIGH Voltage
VCC = 3.3 V
VCC = 2.5 V
VCC − 40
3260
2460
VCC − 10
3290
2490
VCC
3300
2500
mV
VOL
Output LOW Voltage
VCC = 3.3V
VCC = 2.5V
VCC − 500
2800
2000
VCC − 400
2900
2100
VCC − 300
3000
2200
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (see Figures 4 and 5) (Note 6)
Vth
Input Threshold Reference Voltage Range (Note 7)
1125
VCC − 75
mV
VIH
Single−ended Input HIGH Voltage
Vth + 75
VCC
mV
VIL
Single−ended Input LOW Voltage
VEE
Vth − 75
mV
VISE
Single−ended Input Voltage Amplitude (VIH − VIL)
150
2800
mV
VREFAC
VREFAC
Output Reference Voltage
VCC – 1.525 VCC – 1.425 VCC – 1.325
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (see Figures 6, 7 and 8) (Note 8)
VIHD
Differential Input HIGH Voltage
VEE + 1200
VCC
mV
VILD
Differential Input LOW Voltage
VEE
VCC − 100
mV
VID
Differential Input Voltage (VIHD − VILD)
VEE + 100
VCC − VEE
mV
VCMR
Input Common Mode Range (Differential Configuration) (Note9)
VEE + 1150
VCC − 50
mV
IIH
Input HIGH Current D / D, (VTD/VTD Open)
−10
50
uA
IIL
Input LOW Current D / D, (VTD/VTD Open)
−50
10
uA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor
40
50
60
W
RTOUT
Internal Output Termination Resistor
40
50
60
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. CML outputs loaded with 50 W to VCC for proper operation.
5. Input and output parameters vary 1:1 with VCC.
6. Vth, VIH, VIL,, and VISE parameters must be complied with simultaneously.
7. Vth is applied to the complementary input when operating in single−ended mode.
8. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
9. VCMR min varies 1:1 with VEE, VCMR maximum varies 1:1 with VCC. The VCMR range is referenced to the most positive side of the differential
input signal.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn