Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





NB6L611 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NB6L611
Description  2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 4 page
background image
NB6L611
http://onsemi.com
4
Table 4. DC CHARACTERISTICS, Multi−Level Inputs VCC = 2.375 V to 3.63 V, VEE = 0 V, or VCC = 0 V, VEE = −2.375 V to
−3.63 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
POWER SUPPLY CURRENT
ICC
Power Supply Current (Inputs and Outputs Open)
30
45
60
mA
LVPECL OUTPUTS (Notes 4 and 5)
VOH
Output HIGH Voltage
VCC = 3.3 V
VCC = 2.5 V
VCC − 1075
2225
1425
VCC − 950
2350
1550
VCC − 825
2475
1675
mV
VOL
Output LOW Voltage
VCC = 3.3V
VCC = 2.5V
VCC − 1875
1475
675
VCC − 1725
1575
775
VCC − 1625
1675
875
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (see Figures 4 and 5) (Note 6)
Vth
Input Threshold Reference Voltage Range (Note 7)
VEE + 1125
VCC − 75
mV
VIH
Single−ended Input HIGH Voltage
Vth + 75
VCC
mV
VIL
Single−ended Input LOW Voltage
VEE
Vth − 75
mV
VISE
Single−ended Input Voltage Amplitude (VIH − VIL)
150
2800
mV
VREFAC
VREFAC
Output Reference Voltage
VCC – 1.525 VCC – 1.425 VCC – 1.325
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (see Figures 6, 7 and 8) (Note 8)
VIHD
Differential Input HIGH Voltage
VEE + 1200
VCC
mV
VILD
Differential Input LOW Voltage
VEE
VCC − 150
mV
VID
Differential Input Voltage (VIHD − VILD)
VEE + 150
2800
mV
VCMR
Input Common Mode Range (Differential Configuration) (Note9)
VEE + 1125
VCC − 75
mV
IIH
Input HIGH Current D/D, (VTD/VTD Open)
−10
50
mA
IIL
Input LOW Current D/D, (VTD/VTD Open)
−50
10
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor (Measured from D to VTD)
40
50
60
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. LVPECL outputs loaded with 50 W to VCC − 2.0 V for proper operation.
5. Input and output parameters vary 1:1 with VCC.
6. Vth, VIH, VIL,, and VISE parameters must be complied with simultaneously.
7. Vth is applied to the complementary input when operating in single−ended mode.
8. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
9. VCMR minimum varies 1:1 with VEE, VCMR maximum varies 1:1 with VCC. The VCMR range is referenced to the most positive side of the
differential input signal.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NB6L11M2.5V / 3.3V 1:2 Differential CML Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
NB6L722.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs 1 2 3 4 5 MoreON Semiconductor
NB6L142.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
NB4N4413.3V Serial Input MultiProtocol PLL Clock Synthesizer Differential LVPECL Output 1 2 3 4 5 MoreON Semiconductor
NB3N30013.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output 1 2 3 4 5 MoreON Semiconductor
IDT8535-01LOW SKEW 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
NB3N30113.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output 1 2 3 4 5 MoreON Semiconductor
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTI store
NB6L72M2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs 1 2 3 4 5 MoreON Semiconductor
MC100E2105V ECL Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl