Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2928 Datasheet(PDF) 2 Page - Analog Devices

Part # ADN2928
Description  XFP Single Chip Transceiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2928 Datasheet(HTML) 2 Page - Analog Devices

  ADN2928 Datasheet HTML 1Page - Analog Devices ADN2928 Datasheet HTML 2Page - Analog Devices ADN2928 Datasheet HTML 3Page - Analog Devices ADN2928 Datasheet HTML 4Page - Analog Devices ADN2928 Datasheet HTML 5Page - Analog Devices ADN2928 Datasheet HTML 6Page - Analog Devices ADN2928 Datasheet HTML 7Page - Analog Devices ADN2928 Datasheet HTML 8Page - Analog Devices ADN2928 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADN2928
Preliminary Technical Data
Rev. PrB | Page 2 of 12
TABLE OF CONTENTS
Functional Block Diagram .............................................................. 3
Receive Path Specifications ............................................................. 4
Transmit Path Specifications........................................................... 5
Common Specifications................................................................... 6
Absolute Maximum Ratings............................................................ 7
Pin Configuration and Function Descriptions............................. 8
General Description ......................................................................... 9
I2C Interface .................................................................................. 9
Receive Path .................................................................................. 9
Transmit Path................................................................................ 9
System Functions.......................................................................... 9
Applications Information .............................................................. 10
PCB Design Guidelines ............................................................. 10
Outline Dimensions ....................................................................... 11
Ordering Guide........................................................................... 11
REVISION HISTORY
3/05—Revision PrB: Preliminary Version


Similar Part No. - ADN2928

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2928 AD-ADN2928_15 Datasheet
291Kb / 12P
   XFP Single Chip Transceiver IC
Rev. PrB
More results

Similar Description - ADN2928

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2928 AD-ADN2928_15 Datasheet
291Kb / 12P
   XFP Single Chip Transceiver IC
Rev. PrB
logo
Source Photonics, Inc.
FTM-53X0C-X40G SOURCE-FTM-53X0C-X40G Datasheet
286Kb / 11P
   10G 1550nm XFP Transceiver
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
logo
Source Photonics, Inc.
FTM-83X0C-X03G SOURCE-FTM-83X0C-X03G Datasheet
300Kb / 11P
   10G 850nm XFP Transceiver
logo
List of Unclassifed Man...
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
logo
Source Photonics, Inc.
FTM-33X0C-X10G SOURCE-FTM-33X0C-X10G Datasheet
284Kb / 11P
   10Gbps 1310nm XFP Transceiver
FTM-33X1C-X10G SOURCE-FTM-33X1C-X10G Datasheet
283Kb / 11P
   10G 1310nm XFP Transceiver
logo
Mitsubishi Electric Sem...
MF-10KSXA-008ZA MITSUBISHI-MF-10KSXA-008ZA Datasheet
321Kb / 16P
   10Gbps 1550nm XFP Optical Transceiver
logo
JDS Uniphase Corporatio...
JXP-01LWAA1 JDSU-JXP-01LWAA1 Datasheet
127Kb / 4P
   10GBASE-LR XFP Optical Transceiver
logo
Mitsubishi Electric Sem...
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com