Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


ADP3120A Datasheet(HTML) 6 Page - Analog Devices

Part No. ADP3120A
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP3120A Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 page
background image
ADP3120A
Rev. 0 | Page 6 of 16
TIMING CHARACTERISTICS
Timing is referenced to the 90% and 10% points, unless otherwise noted.
tpdlOD
90%
10%
OD
DRVH
OR
DRVL
tpdhOD
Figure 4. Output Disable Timing Diagram
IN
DRVH-SW
DRVL
SW
VTH
VTH
1V
tpdlDRVL
tfDRVL
tpdlDRVH
trDRVL
tfDRVH
tpdhDRVH
trDRVH
tpdhDRVL
Figure 5. Timing Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn