Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1711AUJZ-1.3-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1711AUJZ-1.3-R7
Description  150 mA, Low Dropout, CMOS Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1711AUJZ-1.3-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1711AUJZ-1.3-R7 Datasheet HTML 1Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 2Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 3Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 4Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 5Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 6Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 7Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 8Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
150 mA, Low Dropout,
CMOS Linear Regulator
ADP1710/ADP1711
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum output current: 150 mA
Input voltage range: 2.5 V to 5.5 V
Light load efficient
IGND = 35 μA with zero load
IGND = 40 μA with 100 μA load
Low shutdown current: <1 μA
Low dropout voltage: 150 mV @ 150 mA load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±2%
Stable with small 1μF ceramic output capacitor
16 fixed output voltage options: 0.75 V to 3.3 V (ADP1710)
Adjustable output voltage option: 0.8 V to 5.0 V
(ADP1710 Adjustable)
16 fixed output voltage options with reference bypass:
0.75 V to 3.3 V (ADP1711)
High PSRR: 69 dB @ 1 kHz
Low noise: 40 μVRMS
Excellent load/line transient response
Current limit and thermal overload protection
Logic controlled enable
5-lead TSOT package
APPLICATIONS
Mobile phones
Digital camera and audio devices
Portable and battery-powered equipment
Post dc-dc regulation
TYPICAL APPLICATION CIRCUITS
IN
GND
EN
OUT
NC
1
2
3
5
4
ADP1710
NC = NO CONNECT
1µF
1µF
VIN = 5V
VOUT = 3.3V
Figure 1. ADP1710 with Fixed Output Voltage, 3.3 V
IN
GND
EN
OUT
ADJ
1
2
3
5
4
ADP1710
ADJUSTABLE
1µF
1µF
VIN = 5.5V
R1
R2
VOUT = 0.8V(1 + R1/R2)
Figure 2. ADP1710 with Adjustable Output Voltage, 0.8 V to 5.0 V
IN
GND
EN
OUT
BYP
1
2
3
5
4
ADP1711
1µF
1µF
10nF
VIN = 5V
VOUT = 3.3V
Figure 3. ADP1711 with Fixed Output Voltage and Bypass Capacitor, 3.3 V
GENERAL DESCRIPTION
The ADP1710/ADP1711 are low dropout linear regulators
that operate from 2.5 V to 5.5 V and provide up to 150 mA of
output current. Utilizing a novel scaling architecture, ground
current drawn is a very low 40 μA, when driving a 100 μA
load, making the ADP1710/ADP1711 ideal for battery-
operated portable equipment.
The ADP1710 and the ADP1711 are each available in sixteen
fixed output voltage options. The ADP1710 is also available in
an adjustable version, which allows output voltages that range
from 0.8 V to 5 V via an external divider. The ADP1711 allows
for a reference bypass capacitor to be connected, which reduces
output voltage noise and improves power supply rejection.
The ADP1710/ADP1711 are optimized for stable operation with
small 1 μF ceramic output capacitors, allowing for good transient
performance while occupying minimal board space. An enable
pin controls the output voltage on both devices. There is also an
under-voltage lockout circuit on both devices, which disables the
regulator if IN drops below a minimum threshold.
An internal soft start gives a typical start-up time of 80 μs.
Short-circuit protection and thermal overload protection
circuits prevent damage to the devices in adverse conditions.
Both the ADP1710 and the ADP1711 are available in tiny
5­lead TSOT packages, for the smallest footprint solution to all
your power needs.


Similar Part No. - ADP1711AUJZ-1.3-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP1711AUJZ-1.3-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com