Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF539WBBCZ-5A Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-BF539WBBCZ-5A
Description  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF539WBBCZ-5A Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-BF539WBBCZ-5A Datasheet HTML 4Page - Analog Devices ADSP-BF539WBBCZ-5A Datasheet HTML 5Page - Analog Devices ADSP-BF539WBBCZ-5A Datasheet HTML 6Page - Analog Devices ADSP-BF539WBBCZ-5A Datasheet HTML 7Page - Analog Devices ADSP-BF539WBBCZ-5A Datasheet HTML 8Page - Analog Devices ADSP-BF539WBBCZ-5A Datasheet HTML 9Page - Analog Devices ADSP-BF539WBBCZ-5A Datasheet HTML 10Page - Analog Devices ADSP-BF539WBBCZ-5A Datasheet HTML 11Page - Analog Devices ADSP-BF539WBBCZ-5A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Rev. PrF
|
Page 8 of 68
|
September 2006
ADSP-BF539/ADSP-BF539F
Preliminary Technical Data
• Non-Maskable Interrupt (NMI) – The NMI event can be
generated by the software watchdog timer or by the NMI
input signal to the processor. The NMI event is frequently
used as a power-down indicator to initiate an orderly shut-
down of the system.
• Exceptions – Events that occur synchronously to program
flow (i.e., the exception will be taken before the instruction
is allowed to complete). Conditions such as data alignment
violations and undefined instructions cause exceptions.
• Interrupts – Events that occur asynchronously to program
flow. They are caused by input pins, timers, and other
peripherals, as well as by an explicit software instruction.
Each event type has an associated register to hold the return
address and an associated return-from-event instruction. When
an event is triggered, the state of the processor is saved on the
supervisor stack.
The ADSP-BF539/ADSP-BF539F processor Event Controller
consists of two stages, the Core Event Controller (CEC) and the
System Interrupt Controller (SIC). The Core Event Controller
works with the System Interrupt Controller to prioritize and
control all system events. Conceptually, interrupts from the
peripherals enter into the SIC, and are then routed directly into
the general purpose interrupts of the CEC.
Core Event Controller (CEC)
The CEC supports nine general purpose interrupts (IVG15–7),
in addition to the dedicated interrupt and exception events. Of
these general purpose interrupts, the two lowest priority inter-
rupts (IVG15–14) are recommended to be reserved for software
interrupt handlers, leaving seven prioritized interrupt inputs to
support the peripherals of the ADSP-BF539/ADSP-BF539F pro-
cessor. Table 2 describes the inputs to the CEC, identifies their
names in the Event Vector Table (EVT), and lists their
priorities.
System Interrupt Controller (SIC)
The System Interrupt Controller provides the mapping and
routing of events from the many peripheral interrupt sources to
the prioritized general purpose interrupt inputs of the CEC.
Although the ADSP-BF539/ADSP-BF539F processor provides a
default mapping, the user can alter the mappings and priorities
of interrupt events by writing the appropriate values into the
Interrupt Assignment Registers (SIC_IARx). Table 3 describes
the inputs into the SIC and the default mappings into the CEC.
Event Control
The ADSP-BF539/ADSP-BF539F processor provides the user
with a very flexible mechanism to control the processing of
events. In the CEC, three registers are used to coordinate and
control events. Each register is 16 bits wide:
• CEC Interrupt Latch Register (ILAT) – The ILAT register
indicates when events have been latched. The appropriate
bit is set when the processor has latched the event and
cleared when the event has been accepted into the system.
This register is updated automatically by the controller, but
it may also be written to clear (cancel) latched events. This
Table 2. Core Event Controller (CEC)
Priority
(0 is Highest)
Event Class
EVT Entry
0
Emulation/Test Control
EMU
1
Reset
RST
2
Non-Maskable Interrupt
NMI
3Exception
EVX
4
Reserved
5
Hardware Error
IVHW
6
Core Timer
IVTMR
7
General Interrupt 7
IVG7
8
General Interrupt 8
IVG8
9
General Interrupt 9
IVG9
10
General Interrupt 10
IVG10
11
General Interrupt 11
IVG11
12
General Interrupt 12
IVG12
13
General Interrupt 13
IVG13
14
General Interrupt 14
IVG14
15
General Interrupt 15
IVG15
Table 3. System and Core Event Mapping
Event Source
Core
Event Name
PLL Wakeup Interrupt
IVG7
DMA Controller 0 Error
IVG7
DMA Controller 1 Error
IVG7
PPI Error Interrupt
IVG7
SPORT0 Error Interrupt
IVG7
SPORT1 Error Interrupt
IVG7
SPORT2 Error Interrupt
IVG7
SPORT3 Error Interrupt
IVG7
MXVR Synchronous Data Interrupt
IVG7
SPI0 Error Interrupt
IVG7
SPI1 Error Interrupt
IVG7
SPI2 Error Interrupt
IVG7
UART0 Error Interrupt
IVG7
UART1 Error Interrupt
IVG7
UART2 Error Interrupt
IVG7
CAN Error Interrupt
IVG7
Real Time Clock Interrupts
IVG8
DMA0 Interrupt (PPI)
IVG8
DMA1 Interrupt (SPORT0 RX)
IVG9
DMA2 Interrupt (SPORT0 TX)
IVG9
DMA3 Interrupt (SPORT1 RX)
IVG9
DMA4 Interrupt (SPORT1 TX)
IVG9
DMA12 Interrupt (SPORT2 RX)
IVG9


Similar Part No. - ADSP-BF539WBBCZ-5A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
ADSP-BF539BBCZ-5A AD-ADSP-BF539BBCZ-5A Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
ADSP-BF539BBCZ-5F4 AD-ADSP-BF539BBCZ-5F4 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
ADSP-BF539BBCZ-5F8 AD-ADSP-BF539BBCZ-5F8 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
ADSP-BF539F AD-ADSP-BF539F Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
More results

Similar Description - ADSP-BF539WBBCZ-5A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com