Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF537KBCZ-6A Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF537KBCZ-6A
Description  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF537KBCZ-6A Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF537KBCZ-6A Datasheet HTML 1Page - Analog Devices ADSP-BF537KBCZ-6A Datasheet HTML 2Page - Analog Devices ADSP-BF537KBCZ-6A Datasheet HTML 3Page - Analog Devices ADSP-BF537KBCZ-6A Datasheet HTML 4Page - Analog Devices ADSP-BF537KBCZ-6A Datasheet HTML 5Page - Analog Devices ADSP-BF537KBCZ-6A Datasheet HTML 6Page - Analog Devices ADSP-BF537KBCZ-6A Datasheet HTML 7Page - Analog Devices ADSP-BF537KBCZ-6A Datasheet HTML 8Page - Analog Devices ADSP-BF537KBCZ-6A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
ADSP-BF534/ADSP-BF536/ADSP-BF537
Rev. B
|
Page 3 of 68
|
July 2006
GENERAL DESCRIPTION
The ADSP-BF534/ADSP-BF536/ADSP-BF537 processors are
members of the Blackfin family of products, incorporating the
Analog Devices/Intel Micro Signal Architecture (MSA).
Blackfin processors combine a dual-MAC state-of-the-art signal
processing engine, the advantages of a clean, orthogonal RISC-
like microprocessor instruction set, and single-instruction,
multiple-data (SIMD) multimedia capabilities into a single
instruction-set architecture.
The ADSP-BF534/ADSP-BF536/ADSP-BF537 processors are
completely code and pin compatible. They differ only with
respect to their performance, on-chip memory, and presence of
the Ethernet MAC module. Specific performance, memory, and
feature configurations are shown in Table 1.
By integrating a rich set of industry-leading system peripherals
and memory, the Blackfin processors are the platform of choice
for next-generation applications that require RISC-like pro-
grammability, multimedia support, and leading-edge signal
processing in one integrated package.
PORTABLE LOW POWER ARCHITECTURE
Blackfin processors provide world-class power management
and performance. They are produced with a low power and low
voltage design methodology and feature on-chip dynamic
power management, which is the ability to vary both the voltage
and frequency of operation to significantly lower overall power
consumption. This capability can result in a substantial reduc-
tion in power consumption, compared with just varying the
frequency of operation. This allows longer battery life for
portable appliances.
SYSTEM INTEGRATION
The Blackfin processor is a highly integrated system-on-a-chip
solution for the next generation of embedded network-con-
nected applications. By combining industry-standard interfaces
with a high performance signal processing core, cost-effective
applications can be developed quickly, without the need for
costly external components. The system peripherals include an
IEEE-compliant 802.3 10/100 Ethernet MAC (ADSP-BF536 and
ADSP-BF537 only), a CAN 2.0B controller, a TWI controller,
two UART ports, an SPI port, two serial ports (SPORTs), nine
general-purpose 32-bit timers (eight with PWM capability), a
real-time clock, a watchdog timer, and a parallel peripheral
interface (PPI).
BLACKFIN PROCESSOR PERIPHERALS
The ADSP-BF534/ADSP-BF536/ADSP-BF537 processors con-
tains a rich set of peripherals connected to the core via several
high bandwidth buses, providing flexibility in system configura-
tion as well as excellent overall system performance (see the
block diagram on Page 1). The processors contain dedicated
network communication modules and high speed serial and
parallel ports, an interrupt controller for flexible management
of interrupts from the on-chip peripherals or external sources,
and power management control functions to tailor the perfor-
mance and power characteristics of the processor and system to
many application scenarios.
All of the peripherals, except for the general-purpose I/O, CAN,
TWI, real-time clock, and timers, are supported by a flexible
DMA structure. There are also separate memory DMA channels
dedicated to data transfers between the processor’s various
memory spaces, including external SDRAM and asynchronous
memory. Multiple on-chip buses running at up to 133 MHz
provide enough bandwidth to keep the processor core running
along with activity on all of the on-chip and external
peripherals.
The Blackfin processors include an on-chip voltage regulator in
support of the processors’ dynamic power management capabil-
ity. The voltage regulator provides a range of core voltage levels
when supplied from a single 2.25 V to 3.6 V input. The voltage
regulator can be bypassed at the user’s discretion.
Table 1. Processor Comparison
Features
Ethernet MAC
1
1
CAN
1
1
1
TWI
1
1
1
SPORTs
2
2
2
UARTs
2
2
2
SPI
1
1
1
GP Timers
8
8
8
Watchdog Timers
1
1
1
RTC
1
1
1
Parallel Peripheral Interface
1
1
1
GPIOs
48
48
48
Memory
Configuration
L1 Instruction
SRAM/Cache
16K bytes
16K bytes 16K bytes
L1 Instruction
SRAM
48K bytes
48K bytes 48K bytes
L1 Data
SRAM/Cache
32K bytes
32K bytes 32K bytes
L1 Data SRAM
32K bytes
32K bytes
L1 Scratchpad
4K bytes
4K bytes
4K bytes
L3 Boot ROM
2K bytes
2K bytes
2K bytes
Maximum Speed Grade
500 MHz
400 MHz
600 MHz
Package Options:
Sparse Mini-BGA
Mini-BGA
208-Ball
182-Ball
208-Ball
182-Ball
208-Ball
182-Ball


Similar Part No. - ADSP-BF537KBCZ-6A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF537KBCZ-6AV AD-ADSP-BF537KBCZ-6AV Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
More results

Similar Description - ADSP-BF537KBCZ-6A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com