Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7026BSTZ62I-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADUC7026BSTZ62I-RL
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7026BSTZ62I-RL Datasheet(HTML) 4 Page - Analog Devices

  ADUC7026BSTZ62I-RL Datasheet HTML 1Page - Analog Devices ADUC7026BSTZ62I-RL Datasheet HTML 2Page - Analog Devices ADUC7026BSTZ62I-RL Datasheet HTML 3Page - Analog Devices ADUC7026BSTZ62I-RL Datasheet HTML 4Page - Analog Devices ADUC7026BSTZ62I-RL Datasheet HTML 5Page - Analog Devices ADUC7026BSTZ62I-RL Datasheet HTML 6Page - Analog Devices ADUC7026BSTZ62I-RL Datasheet HTML 7Page - Analog Devices ADUC7026BSTZ62I-RL Datasheet HTML 8Page - Analog Devices ADUC7026BSTZ62I-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
ADuC7019/20/21/22/24/25/26/27
Rev. A | Page 4 of 92
GENERAL DESCRIPTION
The ADuC7019/7020/7021/7022/7024/7025/7026/7027 are fully
integrated, 1 MSPS, 12-bit data acquisition systems incorporat-
ing high performance multichannel ADCs, 16-bit/32-bit MCUs
and Flash/EE memory on a single chip.
The ADC consists of up to 12 single-ended inputs. An
additional four inputs are available but are multiplexed
with the four DAC output pins. The four DAC outputs are
only available on certain models (ADuC7020, and ADuC7026).
However, in many cases where the DAC outputs are not present,
these pins can still be used as additional ADC inputs, giving a
maximum of 16 ADC input channels. The ADC can operate in
single-ended or differential input modes. The ADC input
voltage is 0 to VREF. Low-drift bandgap reference, temperature
sensor, and voltage comparator complete the ADC peripheral
set.
Depending on the part model, up to four buffered voltage
output DACs are available on-chip. The DAC output range is
programmable to one of three voltage ranges.
The devices operate from an on-chip oscillator and a PLL
generating an internal high frequency clock of 41.78 MHz. This
clock is routed through a programmable clock divider from
which the MCU core clock operating frequency is generated.
The microcontroller core is an ARM7TDMI, 16-bit/32-bit RISC
machine, which offers up to 41 MIPS peak performance. Eight
kilobytes of SRAM and 62 kilobytes of nonvolatile Flash/EE
memory are provided on-chip. The ARM7TDMI core views all
memory and registers as a single linear array.
On-chip factory firmware supports in-circuit serial download
via the UART or I2C serial interface ports, while nonintrusive
emulation is also supported via the JTAG interface. These
features are incorporated into a low-cost QuickStart™
Development System supporting this MicroConverter® family.
The parts operate from 2.7 V to 3.6 V and are specified over an
industrial temperature range of −40°C to +125°C. When operating
at 41.78 MHz, the power dissipation is typically 120 mW. The
ADuC7019/7020/7021/7022/7024/7025/7026/7027 are available in
a variety of memory models and packages.


Similar Part No. - ADUC7026BSTZ62I-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuC7026BSTZ62I-RL AD-ADuC7026BSTZ62I-RL Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Similar Description - ADUC7026BSTZ62I-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com