Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSH203 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BSH203
Description  P-channel enhancement mode MOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH203 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSH203 Datasheet HTML 1Page - NXP Semiconductors BSH203 Datasheet HTML 2Page - NXP Semiconductors BSH203 Datasheet HTML 3Page - NXP Semiconductors BSH203 Datasheet HTML 4Page - NXP Semiconductors BSH203 Datasheet HTML 5Page - NXP Semiconductors BSH203 Datasheet HTML 6Page - NXP Semiconductors BSH203 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH203
MOS transistor
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG)
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
BSH203
-7
-6
-5
-4
-3
-2
-1
0
0
0.5
1
1.5
2
2.5
3
Gate Charge, Qg (nC)
Gate-Source Voltage, VGS (V)
VDD = 10 V
RD = 20 Ohms
Tj = 25 C
BSH203
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
Drain-Source Voltage, VSDS (V)
Source-Drain Diode Current, IF (A)
Tj = 25 C
150 C
August 1998
5
Rev 1.000


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BSH201 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP1025 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH202 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP1035 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH205 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP109 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH206 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH207 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP125 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH299 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn