Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSH203 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BSH203
Description  P-channel enhancement mode MOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH203 Datasheet(HTML) 6 Page - NXP Semiconductors

  BSH203 Datasheet HTML 1Page - NXP Semiconductors BSH203 Datasheet HTML 2Page - NXP Semiconductors BSH203 Datasheet HTML 3Page - NXP Semiconductors BSH203 Datasheet HTML 4Page - NXP Semiconductors BSH203 Datasheet HTML 5Page - NXP Semiconductors BSH203 Datasheet HTML 6Page - NXP Semiconductors BSH203 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH203
MOS transistor
MECHANICAL DATA
Fig.15. SOT23 surface mounting package.
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18.
3. Epoxy meets UL94 V0 at 1/8".
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23
August 1998
6
Rev 1.000


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BSH201 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP1025 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH202 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP1035 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH205 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP109 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH206 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH207 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP125 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH299 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn