Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSH203 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BSH203
Description  P-channel enhancement mode MOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH203 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSH203 Datasheet HTML 1Page - NXP Semiconductors BSH203 Datasheet HTML 2Page - NXP Semiconductors BSH203 Datasheet HTML 3Page - NXP Semiconductors BSH203 Datasheet HTML 4Page - NXP Semiconductors BSH203 Datasheet HTML 5Page - NXP Semiconductors BSH203 Datasheet HTML 6Page - NXP Semiconductors BSH203 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH203
MOS transistor
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Ta)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Ta); conditions: VGS ≤ -10 V
Fig.3. Safe operating area. T
a = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-a = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Normalised Power Dissipation, PD (%)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature, Ta (C)
0.1
1
10
100
1000
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
Pulse width, tp (s)
Peak Pulsed Drain Current, IDM (A)
single pulse
D = 0.5
0.2
0.1
0.05
0.02
tp
D = tp/T
D
P
T
Normalised Drain Current, ID (%)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature, Ta (C)
BSH203
-3
-2.5
-2
-1.5
-1
-0.5
0
-2
-1.5
-1
-0.5
0
Drain-Source Voltage, VDS (V)
Drain current, ID (A)
VGS = -1.2 V
-1.4 V
-1.6 V
-4.5 V
-1.8 V
-2 V
Tj = 25 C
-2.2 V
-2.5 V
BSH203
0.001
0.01
0.1
1
10
0.1
1
10
100
Drain-Source Voltage, VDS (V)
Peak Pulsed Drain Current, IDM (A)
d.c.
100 ms
10 ms
1 ms
RDS(on) = VDS/ ID
tp = 10us
100 us
BSH203
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
Drain Current, ID (A)
Drain-Source On Resistance, RDS(on) (Ohms)
VGS = -4.5V
-1.5 V
-1.3 V
Tj = 25 C
-1.8 V
-1.4 V
-1.2 V
-1.1 V
-2.5 V
-1.6 V
August 1998
3
Rev 1.000


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BSH201 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP1025 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH202 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP1035 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH205 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP109 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH206 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH207 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP125 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH299 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn