Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S1205YSTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD2S1205YSTZ
Description  12-Bit R/D Converter with Reference Oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205YSTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD2S1205YSTZ Datasheet HTML 4Page - Analog Devices AD2S1205YSTZ Datasheet HTML 5Page - Analog Devices AD2S1205YSTZ Datasheet HTML 6Page - Analog Devices AD2S1205YSTZ Datasheet HTML 7Page - Analog Devices AD2S1205YSTZ Datasheet HTML 8Page - Analog Devices AD2S1205YSTZ Datasheet HTML 9Page - Analog Devices AD2S1205YSTZ Datasheet HTML 10Page - Analog Devices AD2S1205YSTZ Datasheet HTML 11Page - Analog Devices AD2S1205YSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD2S1205
Preliminary Technical Data
Rev.PrB | Page 8 of 25
RESOLVER FORMAT SIGNALS
Vr = Vp × Sin(ϖt)
Vb = Vs × Sin(ϖt) × Sin(θ)
(A) CLASSICAL RESOLVER
S1
S3
Va = Vs × Sin(ϖt) × Cos(θ)
S2
S4
R1
R2
θ
Vr = Vp × Sin(ϖt)
Vb = Vs × Sin(ϖt) × Sin(θ)
(B) VARIABLE RELUCTANCE RESOLVER
S1
S3
Va = Vs × Sin(ϖt) × Cos(θ)
S2
S4
R1
R2
θ
Figure 3. Classical Resolver vs. Variable Reluctance Resolver
A resolver is a rotating transformer typically with a primary
winding on the rotor and two secondary windings on the stator.
In the case of a variable reluctance resolver, there are no wind-
ings on the rotor as shown in Figure 3. The primary winding is
on the stator as well as the secondary windings, but the saliency
in the rotor design provides the sinusoidal variation in the
secondary coupling with the angular position. Either way, the
resolver output voltages (S3–S1, S2–S4) will have the same
equations as shown in Equation 1.
Amplitude
Excitation
Rotor
E
Frequency
Excitation
Rotor
t
Sin
Angle
Shaft
Cos
t
Sin
E
S
S
Sin
t
Sin
E
S
S
=
=
=
×
=
×
=
0
0
0
4
2
1
3
ω
θ
θ
ω
θ
ω
Equation 1.
The stator windings are displaced mechanically by 90° (see
Figure 3). The primary winding is excited with an ac reference.
The amplitude of subsequent coupling onto the stator secon-
dary windings is a function of the position of the rotor (shaft)
relative to the stator. The resolver, therefore, produces two
output voltages (S3–S1, S2–S4) modulated by the Sine and
Cosine of shaft angle. Resolver format signals refer to the
signals derived from the output of a resolver as shown in
Equation 1. Figure 4 illustrates the output format.
S2 TO S4
(Cos)
S3 TO S1
(Sin)
R2 TO R4
(REF)
90°
180°
θ
270°
360°
Figure 4. Electrical Resolver Representation


Similar Part No. - AD2S1205YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

Similar Description - AD2S1205YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com