Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP400 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP400
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP400 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP400 Datasheet HTML 1Page - ON Semiconductor NCP400 Datasheet HTML 2Page - ON Semiconductor NCP400 Datasheet HTML 3Page - ON Semiconductor NCP400 Datasheet HTML 4Page - ON Semiconductor NCP400 Datasheet HTML 5Page - ON Semiconductor NCP400 Datasheet HTML 6Page - ON Semiconductor NCP400 Datasheet HTML 7Page - ON Semiconductor NCP400 Datasheet HTML 8Page - ON Semiconductor NCP400 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP400
http://onsemi.com
2
TYPICAL OPERATION CIRCUIT
Figure 1. Power Supply and Reset Circuit for Microprocessor and/or Memory Chip
VIN
NCP400
VOUT
RESET
CD
GND
C
VDD
ENABLE
GND
1
mF
CIN
RESET
1
mF
COUT
Microprocessor
/ Memory Chip
DelayTime : (
Dt) +
(C
0.97 V)
1.56
mA
PIN DESCRIPTION
Pin No.
Symbol
Description
1
VIN
Positive power supply input voltage.
2
ENABLE
This input is used to place the device into low–power standby. When this input is pulled low, the device is
disabled. If this function is not used, ENABLE should be connected to VIN.
3
RESET
Voltage detect output signal.
4
CD
Delay capacitor pin.
5
GND
Power supply ground.
6
VOUT
Voltage regulator output voltage.
REPRESENTATIVE BLOCK DIAGRAM
Figure 2. Representative Block Diagram
+
+
Vref
CD
VIN
GND
ENABLE
Thermal
Shutdown
Driver w/
Current
Limit
VOUT
RESET
ON
OFF


Similar Part No. - NCP400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP402045MNTWG ONSEMI-NCP402045MNTWG Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060AMNTXG ONSEMI-NCP4060AMNTXG Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results

Similar Description - NCP400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com