Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1231D65R2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1231D65R2
Description  Low?뭆tandby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1231D65R2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1231D65R2 Datasheet HTML 5Page - ON Semiconductor NCP1231D65R2 Datasheet HTML 6Page - ON Semiconductor NCP1231D65R2 Datasheet HTML 7Page - ON Semiconductor NCP1231D65R2 Datasheet HTML 8Page - ON Semiconductor NCP1231D65R2 Datasheet HTML 9Page - ON Semiconductor NCP1231D65R2 Datasheet HTML 10Page - ON Semiconductor NCP1231D65R2 Datasheet HTML 11Page - ON Semiconductor NCP1231D65R2 Datasheet HTML 12Page - ON Semiconductor NCP1231D65R2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
NCP1231
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 15. Frequency (65 kHz) vs. Temperature
Figure 16. Frequency (100 kHz) vs. Temperature
Figure 17. Frequency (133 kHz) vs. Temperature
Figure 18. Internal Modulation Swing
vs. Temperature
Figure 19. Internal Swing Period
vs. Temperature
Figure 20. Maximum Duty Cycle
vs. Temperature
7.0
8.0
9.0
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
150
VCC = 13 V
7.5
8.5
fosc = 62.5 kHz
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
58
62
66
150
VCC = 13 V
60
64
68
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
90
95
105
110
150
VCC = 13 V
100
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
110
115
120
130
140
150
VCC = 13 V
125
4.0
5.0
6.0
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
150
VCC = 13 V
4.5
5.5
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
79.0
80.0
81.0
150
VCC = 13 V
79.5
80.5
135


Similar Part No. - NCP1231D65R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1230 ONSEMI-NCP1230 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1230 ONSEMI-NCP1230 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
More results

Similar Description - NCP1231D65R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com