Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1239 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1239
Description  Low?뭆tandby High Performance PWM Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1239 Datasheet HTML 1Page - ON Semiconductor NCP1239 Datasheet HTML 2Page - ON Semiconductor NCP1239 Datasheet HTML 3Page - ON Semiconductor NCP1239 Datasheet HTML 4Page - ON Semiconductor NCP1239 Datasheet HTML 5Page - ON Semiconductor NCP1239 Datasheet HTML 6Page - ON Semiconductor NCP1239 Datasheet HTML 7Page - ON Semiconductor NCP1239 Datasheet HTML 8Page - ON Semiconductor NCP1239 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
NCP1239
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, Vpin16 = 48 V,
VCC = 20 V unless otherwise noted.)
Symbol
Unit
Max
Typ
Min
Pin
Rating
Soft−Start and Timer
Ich
Soft−Start or Jittering charge current @ Vpin6 = 2.4 V
6
60
95
110
mA
Idisch
Jittering Discharge Current @ Vpin6 = 2.4 V
6
77
107
137
mA
Vjitter
Jittering Saw−Tooth Lower Threshold
6
1.67
1.80
1.89
V
VjitterH
Jittering Saw−Tooth Upper Threshold
6
2.85
3.00
3.20
V
VtimerL
Timer Peak Threshold
6
4.0
4.3
4.6
V
ItimerC
Timer Charge Current @ Vpin6 = 3.5 V and Pin 8 open
6
3.9
5.2
6.4
mA
ItimerD
Timer Discharge Current @ Vpin6 = 3.5 V and Pin 8 open
6
400
mA
Feedback Section
Rup
Internal Pullup Resistor
8
20
k
W
Ifb
Source Current @ Vpin8 = 0.5 V
8
200
mA
Iratio
Pin 8 to current Setpoint division ratio
3.0
Internal Ramp Compensation
Rramp
Internal Resistor
10
32
k
W
Vramp
Internal Saw−Tooth Amplitude
10
3.2
V
Skipping Mode and Standby Management
Rgts
Pin 1 output impedance in standby state
(Pin 8 grounded, Vpin6 > 4.5 V) @ VCC = 12.5 V
1
4.0
8.0
18
k
W
Igts
Sink Current Source in Normal Mode
@ Vpin8 = 2 V, Pin 7 open @ VCC − Vpin1=0.7 V
1
0.6
1.0
mA
FB−skip
Default Feedback Level for Skip−Cycle Operation and Standby
Detection
7
380
430
480
mV
FB_stby−out
Default Feedback Level to Leave Standby
7
650
740
810
mV
Vstby−out/Vskip
Ratio leave standby Setpoint to skip−cycle Setpoint
1.5
1.7
1.9
Rpin7
Internal Pin 7 Impedance
7
110
k
W
Pin 7 to Skipping Setpoint ratio
3.0
Brown−Out Detection
BOthH
Brown−Out Detection Upper Threshold
5
0.45
0.50
0.55
V
BOthL
Brown−Out Detection Low Threshold
5
0.20
0.24
0.28
V
BOhyst
Brown−Out Hysteresis
5
0.20
0.26
0.30
V
Protections
TSD
Thermal Shutdown:
Thermal Shutdown Threshold
Hysteresis
140
30
°C
Vfault
Fault Detection Threshold
3
2.2
2.4
2.6
V
ORDERING INFORMATION
Device
Package
Shipping
NCP1239FDR2
SOIC−16
2500 / Tape & Reel
NCP1239FDR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
NCP1239VDR2
SOIC−16
2500 / Tape & Reel
NCP1239VDR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP1239

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1239AD100R2G ONSEMI-NCP1239AD100R2G Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
NCP1239AD100R2G ONSEMI-NCP1239AD100R2G Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239AD100R2G ONSEMI-NCP1239AD100R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
logo
Beyond Innovation Techn...
BIT3713 BITEK-BIT3713 Datasheet
493Kb / 11P
   High Performance PWM Controller
05/12/15
BIT3267 BITEK-BIT3267 Datasheet
196Kb / 8P
   High Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1469 HMSEMI-HM1469 Datasheet
1Mb / 16P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com