Electronic Components Datasheet Search |
|
NCP1337PG Datasheet(PDF) 4 Page - ON Semiconductor |
|
NCP1337PG Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 14 page NCP1337 http://onsemi.com 4 MAXIMUM RATINGS Rating Symbol Value Unit Voltage on Pin 8 (HV) when Pin 6 (VCC) is Decoupled to Ground with 10 mF VHV −0.3 to 500 V Maximum Current in Pin 8 (HV) − 20 mA Power Supply Voltage, Pin 6 (VCC) and Pin 5 (DRV) VCCmax −0.3 to 20 V Maximum Current in Pin 6 (VCC) − "30 mA Maximum Voltage on all Pins except Pin 8 (HV), Pin 6 (VCC) and Pin 5 (DRV) − −0.3 to 10 V Maximum Current into all Pins except Pin 8 (HV), Pin 6 (VCC) and Pin 5 (DRV) − "10 mA Maximum Current into Pin 6 (DRV) during ON Time and TBLANK − "1.0 A Maximum Current into Pin 6 (DRV) after TBLANK during OFF Time − "15 mA Thermal Resistance, Junction−to−Case RqJC 57 °C/W Thermal Resistance, Junction−to−Air, SOIC Version RqJA 178 °C/W Thermal Resistance, Junction−to−Air, DIP Version RqJA 100 °C/W Maximum Junction Temperature TJMAX 150 °C Operating Temperature Range − −40 to +125 °C Storage Temperature Range − −60 to +150 °C ESD Capability, HBM Model per Mil−std−883, Method 3015 (All Pins except HV) − 2.0 kV ESD Capability, Machine Model − 200 V Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. This device contains latchup protection and exceeds 100 mA per JEDEC standard JESD78. |
Similar Part No. - NCP1337PG |
|
Similar Description - NCP1337PG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |