Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1231P65G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1231P65G
Description  Low?뭆tandby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1231P65G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1231P65G Datasheet HTML 2Page - ON Semiconductor NCP1231P65G Datasheet HTML 3Page - ON Semiconductor NCP1231P65G Datasheet HTML 4Page - ON Semiconductor NCP1231P65G Datasheet HTML 5Page - ON Semiconductor NCP1231P65G Datasheet HTML 6Page - ON Semiconductor NCP1231P65G Datasheet HTML 7Page - ON Semiconductor NCP1231P65G Datasheet HTML 8Page - ON Semiconductor NCP1231P65G Datasheet HTML 9Page - ON Semiconductor NCP1231P65G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NCP1231
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C,
VCC = 13 V, unless otherwise noted.)
Rating
Unit
Max
Typ
Min
Pin
Symbol
Internal Ramp Compensation (VCC = 13 V)
Internal Resistor (Note 3)
Rup
3
9.0
18
36
kW
Internal Sawtooth Amplitude (Note 4)
3
2.3
Vpp
Protection (VCC = 13 V)
Timeout before Validating Short−Circuit or PFC VCC with an 82 nF cap. to Pin 7
(Note 4)
Tdelay
110
ms
Latch−Off Level
Vlatch
8
3.7
4.2
4.5
V
Propagation Delay from Latch Detected to Gate Turned Off (Pin 5 Loaded by 1.0 nF)
TDEL LATCH
100
ns
Brown−Out Level High
VBOhigh
8
0.40
0.50
0.55
V
Brown−Out Level Low
VBOlow
8
0.180
0.230
0.285
V
Temperature Shutdown, Maximum Value (Note 4)
TSD
160
°C
Hysteresis while in Temperature Shutdown (Note 4)
TSD hyste
30
°C
3. Guaranteed by Design.
4. Verified by Design.


Similar Part No. - NCP1231P65G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1230 ONSEMI-NCP1230 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1230 ONSEMI-NCP1230 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
More results

Similar Description - NCP1231P65G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com