Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5612AKSZ-2REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5612AKSZ-2REEL7
Description  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5612AKSZ-2REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5612AKSZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD5612AKSZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD5612AKSZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD5612AKSZ-2REEL7 Datasheet HTML 9Page - Analog Devices AD5612AKSZ-2REEL7 Datasheet HTML 10Page - Analog Devices AD5612AKSZ-2REEL7 Datasheet HTML 11Page - Analog Devices AD5612AKSZ-2REEL7 Datasheet HTML 12Page - Analog Devices AD5612AKSZ-2REEL7 Datasheet HTML 13Page - Analog Devices AD5612AKSZ-2REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 10 of 24
TEMPERATURE (°C)
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.3
–0.2
–0.1
–40
0
–20
60
40
20
120
100
80
MAX DNL = 5V
MAX DNL = 3V
MIN DNL = 5V
MIN DNL = 3V
Figure 16. AD5622 DNL Error vs. Temperature (3 V/5 V Supply)
TEMPERATURE (°C)
4
0
2
–2
–4
–8
–10
–6
–40
–20
0
60
40
20
100
120
80
ZERO CODE ERROR = 3V
FULL-SCALE ERROR = 3V
FULL-SCALE ERROR = 5V
ZERO CODE ERROR = 5V
Figure 17. Zero Code/Full-Scale Error vs. Temperature (3 V/5 V Supply)
VDD (V)
1
0
–1
–2
–3
–4
–5
–8
–7
–6
2.7
3.2
4.2
3.7
5.2
4.7
ZERO CODE ERROR
TA = 25°C
FULL-SCALE ERROR
Figure 18. Zero Code/Full-Scale Error vs. Supply Voltage
TEMPERATURE (°C)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
0.2
0.4
–40
0
–20
60
40
20
120
100
80
OFFSET ERROR = 5V
OFFSET ERROR = 3V
Figure 19. Offset Error vs. Temperature (3 V/5 V Supply)
TEMPERATURE (°C)
0.00025
0.00020
0.00015
0.00010
0
0.00005
–40
0
–20
60
40
20
120
100
80
GAIN ERROR = 5V
GAIN ERROR = 3V
Figure 20. Gain Error vs. Temperature (3 V/5 V Supply)
0
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
2.7
3.2
3.7
4.2
4.7
5.2
VDD (V)
TA = 25°C
0.01
Figure 21. Supply Current vs. Supply Voltage


Similar Part No. - AD5612AKSZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
AD5611 AD-AD5611 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5611 AD-AD5611 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5611 AD-AD5611 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

Similar Description - AD5612AKSZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com