Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1522ASNT1G Datasheet(PDF) 16 Page - ON Semiconductor

Part # NCP1522ASNT1G
Description  3.0 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1522ASNT1G Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCP1522ASNT1G Datasheet HTML 9Page - ON Semiconductor NCP1522ASNT1G Datasheet HTML 10Page - ON Semiconductor NCP1522ASNT1G Datasheet HTML 11Page - ON Semiconductor NCP1522ASNT1G Datasheet HTML 12Page - ON Semiconductor NCP1522ASNT1G Datasheet HTML 13Page - ON Semiconductor NCP1522ASNT1G Datasheet HTML 14Page - ON Semiconductor NCP1522ASNT1G Datasheet HTML 15Page - ON Semiconductor NCP1522ASNT1G Datasheet HTML 16Page - ON Semiconductor NCP1522ASNT1G Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
NCP1522
http://onsemi.com
16
Bill of Materials
Item
Part Description
Ref
PCB Footprint
Manufacturer
Manufacturer
Reference
1
NCP1522 DC−DC Converter
U1
TSOP−5
On Semiconductor
NCP1522
2
4.7
mF Ceramic Capacitor
6.3 V X5R
C1, C2
0805
Murata
GRM21 Series
3
18 pF Ceramic Capacitor
50 V COG
C3
0603
Murata
GRM188 Series
4
SMD Resistor 220 K
R1, R2, R3
0805
Vishay−Draloric
CRCW0805
5
SMD Inductor
L1
1605
Coilcraft
DO1605 Series
6
I/O Connector can be plugged by
BLZ5.08/2 (Weidmüller reference)
J1, J3
Weidmüller
SL5.08/2/90B
7
Jumper Header vertical mount 3*1,
2.54 mm
J5
Tyco Electronics/AMP
5−826629−0
8
Jumper Connector, 400 mils
J6, J7
Harwin
D3082−B01


Similar Part No. - NCP1522ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522 ONSEMI-NCP1522 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
NCP1522BMUTBG ONSEMI-NCP1522BMUTBG Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
NCP1522BSNT1G ONSEMI-NCP1522BSNT1G Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
More results

Similar Description - NCP1522ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP1523 ONSEMI-NCP1523_07 Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
NCP1523 ONSEMI-NCP1523 Datasheet
302Kb / 14P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1526 ONSEMI-NCP1526 Datasheet
292Kb / 16P
   400 mA, 1.2 V, High?묮fficiency, Step?묭own Converter with Low Noise Voltage Regulator Optimized for RF Module
July, 2006 ??Rev. 0
logo
Linear Technology
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
   Low Quiescent Current, High Voltage Step-Down Converter
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com