Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5664RBCPZ-3R2 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5664RBCPZ-3R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664RBCPZ-3R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5664RBCPZ-3R2 Datasheet HTML 20Page - Analog Devices AD5664RBCPZ-3R2 Datasheet HTML 21Page - Analog Devices AD5664RBCPZ-3R2 Datasheet HTML 22Page - Analog Devices AD5664RBCPZ-3R2 Datasheet HTML 23Page - Analog Devices AD5664RBCPZ-3R2 Datasheet HTML 24Page - Analog Devices AD5664RBCPZ-3R2 Datasheet HTML 25Page - Analog Devices AD5664RBCPZ-3R2 Datasheet HTML 26Page - Analog Devices AD5664RBCPZ-3R2 Datasheet HTML 27Page - Analog Devices AD5664RBCPZ-3R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD5624R/AD5644R/AD5664R
Rev. A | Page 28 of 28
ORDERING GUIDE
Model
Temperature Range
Accuracy
Internal Reference
Package
Description
Package
Option
Branding
AD5624RBCPZ-3R21
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D7L
AD5624RBCPZ-3REEL71
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D7L
AD5624RBRMZ-31
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7L
AD5624RBRMZ-3REEL71
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7L
AD5624RBRMZ-51
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7V
AD5624RBRMZ-5REEL71
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7V
AD5644RBRMZ-31
−40°C to +105°C
±4 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7E
AD5644RBRMZ-3REEL71
−40°C to +105°C
±4 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7E
AD5644RBRMZ-51
−40°C to +105°C
±4 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7D
AD5644RBRMZ-5REEL71
−40°C to +105°C
±4 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7D
AD5664RBCPZ-3R21
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D73
AD5664RBCPZ-3REEL71
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D73
AD5664RBRMZ-31
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead MSOP
RM-10
D73
AD5664RBRMZ-3REEL71
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead MSOP
RM-10
D73
AD5664RBRMZ-51
−40°C to +105°C
±16 LSB INL
2.5 V
10-Lead MSOP
RM-10
D75
AD5664RBRMZ-5REEL71
−40°C to +105°C
±16 LSB INL
2.5 V
10-Lead MSOP
RM-10
D75
EVAL-AD5664REB
Evaluation Board
T
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05856-0-11/06(A)
TTT


Similar Part No. - AD5664RBCPZ-3R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5664RBCPZ-3R2 AD-AD5664RBCPZ-3R2 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results

Similar Description - AD5664RBCPZ-3R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com