Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1562ADBR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1562ADBR2G
Description  High Performance Active Clamp/Reset PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1562ADBR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1562ADBR2G Datasheet HTML 4Page - ON Semiconductor NCP1562ADBR2G Datasheet HTML 5Page - ON Semiconductor NCP1562ADBR2G Datasheet HTML 6Page - ON Semiconductor NCP1562ADBR2G Datasheet HTML 7Page - ON Semiconductor NCP1562ADBR2G Datasheet HTML 8Page - ON Semiconductor NCP1562ADBR2G Datasheet HTML 9Page - ON Semiconductor NCP1562ADBR2G Datasheet HTML 10Page - ON Semiconductor NCP1562ADBR2G Datasheet HTML 11Page - ON Semiconductor NCP1562ADBR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NCP1562A, NCP1562B
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (continued) (Vin =48V,VAUX =12V,VUVOV =2.3 V, VEA = open, VCSKIP =0V,
VCS =0V, VSS = open, RT = 13.3 kΩ,CAUX =10 mF, CT = 470 pF, Cout1 =Cout2 = 100 pF, CUVOV =0.01 mF, CCSKIP = 6800 pF,
RD =25kΩ,RSYNC =5.0 kΩ,CREF =0.1 mF, RFF = 29.4 kΩ,CFF = 470 pF. For typical values TJ =25C, for min/max values, TJ is – 40Cto
125C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
SYNCHRONIZATION
Output Pulse Width
tO(SYNC)
70
110
--
ns
Output Voltage High (RSYNC = ∞)
VH(SYNC)
4.3
V
Sync Threshold Voltage (Note 5)
VSYNC
3.5
V
Sync Input Pulse Width (VSYNC =3.5 V)
tSYNC
--
tO(SYNC)min
ns
Maximum Sync Frequency (Note 5)
fSYNC
1.0
MHz
Source Current (Note 5)
ISYNC(D)
1.0
mA
SOFT--START/STOP
Charge Current (VSS =1.6 V)
ISS(C)
8.3
10.2
13.1
mA
Discharge Current (VUVOV =0V, VSS =1.6 V)
ISS(D)
72
95
115
mA
Soft--Stop Reset Voltage (VFF =0V)
Vreset(SS)
115
--
mV
OUTPUTS
Overlap Time Delay (Tested at 50% of Waveform)
Leading
Trailing
tD(leading)
tD(trailing)
37
72
45
90
--
--
ns
Output Voltage (IOUT =0mA,Note5)
Low State
High State
VOL
VOH
11.8
0.25
V
Drive Resistance (FT ONLY)
OUT1 Sink (VRTCT =4.0 V, Vout1 =1.0 V)
TJ =25_C
TJ = –40_C to 125_C
OUT1 Source (VRTCT =2.5 V, Vout1 =11V)
TJ =25_C
TJ = –40_C to 125_C
OUT2 Sink (VRTCT =4.0 V, Vout2 =1.0 V)
TJ =25_C
TJ = –40_C to 125_C
OUT2 Source (VRTCT =2.5 V, Vout2 =11V)
TJ =25_C
TJ = –40_C to 125_C
RSNK1
RSRC1
RSNK2
RSRC2
2.8
4.7
11.4
11.6
3.6
5.03
5.75
7.45
12.7
20.0
13.5
20.0
Ω
Rise Time (10% to 90%, Cout1 = 2200 pF, Cout2 = 220 pF)
OUT1
OUT2
tr1
tr2
26
19
ns
Fall Time (90% to 10%, Cout1 = 2200 pF, Cout2 = 220 pF)
OUT1
OUT2
tf1
tf2
10
10
ns
PWM COMPARATOR
Input Resistance
RIN(VEA)
11
25
58
Lower Input Threshold
VEA(L)
0.48
0.83
1.04
V
Delay to Output (From VOH to 0.5 VOH)
tPWM
100
ns
5. Guaranteed by design only.


Similar Part No. - NCP1562ADBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
More results

Similar Description - NCP1562ADBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com