Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5664RBRMZ-5 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5664RBRMZ-5
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664RBRMZ-5 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5664RBRMZ-5 Datasheet HTML 18Page - Analog Devices AD5664RBRMZ-5 Datasheet HTML 19Page - Analog Devices AD5664RBRMZ-5 Datasheet HTML 20Page - Analog Devices AD5664RBRMZ-5 Datasheet HTML 21Page - Analog Devices AD5664RBRMZ-5 Datasheet HTML 22Page - Analog Devices AD5664RBRMZ-5 Datasheet HTML 23Page - Analog Devices AD5664RBRMZ-5 Datasheet HTML 24Page - Analog Devices AD5664RBRMZ-5 Datasheet HTML 25Page - Analog Devices AD5664RBRMZ-5 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5624R/AD5644R/AD5664R
Rev. A | Page 22 of 28
POWER-ON RESET
The AD5624R/AD5644R/AD5664R family contains a power-on
reset circuit that controls the output voltage during power-up.
The AD5624R/AD5644R/AD5664R DACs output power up to
0 V and the output remains there until a valid write sequence is
made to the DACs. This is useful in applications where it is
important to know the state of the output of the DACs while
they are in the process of powering up.
SOFTWARE RESET
The AD5624R/AD5644R/AD5664R contain a software reset
function. Command 101 is reserved for the software reset
function (see Table 8). The software reset command contains
two reset modes that are software programmable by setting bit
DB0 in the control register.
Table 10 shows how the state of the bit corresponds to the
software reset modes of operation of the devices. Table 12 shows
the contents of the input shift register during the software reset
mode of operation.
Table 10. Software Reset Modes for the
AD5624R/AD5644R/AD5664R
DB0
Registers Reset to Zero
0
DAC register
Input shift register
1 (Power-On Reset)
DAC register
Input shift register
LDAC register
Power-down register
Internal reference setup register
POWER-DOWN MODES
The AD5624R/AD5644R/AD5664R contain four separate modes
of operation. Command 100 is reserved for the power-down
function (see Table 8). These modes are software programmable
by setting two bits (DB5 and DB4) in the control register. Table
11 shows how the state of the bits corresponds to the mode of
operation of the device. All DACs, (DAC D to DAC A) can be
powered down to the selected mode by setting the corresponding
four bits (DB3, DB2, DB1, and DB0) to 1.
By executing the same Command 100, any combination of DACs
can be powered up by setting the bits (DB5 and DB4) to normal
operation mode. To select which combination of DAC channels
to power-up, set the corresponding four bits (DB3, DB2, DB1,
and DB0) to 1. See Table 13 for contents of the input shift register
during power-down/power-up operation.
Table 11. Modes of Operation for the AD5624R/AD5644R/
AD5664R
DB5
DB4
Operating Mode
0
0
Normal operation
Power-down modes
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state
When Bit DB5 and Bit DB4 are set to 0, the part works normally
with its normal power consumption of 450 μA at 5 V. However,
for the three power-down modes, the supply current falls to
480 nA at 5 V (200 nA at 3 V). Not only does the supply current
fall, but the output stage is also internally switched from the
output of the amplifier to a resistor network of known values.
This allows the output impedance of the part to be known while
the part is in power-down mode. The outputs can either be
connected internally to GND through a 1 kΩ resistor, or left
open-circuited (three-state) as shown in Figure 54.
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 56. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string, and
other associated linear circuitry are shutdown when power-
down mode is activated. However, the contents of the DAC
register are unaffected when in power-down. The time to exit
power-down is typically 4 μs for VDD = 5 V and for VDD = 3 V
(see Figure 39).
Table 12. 24-Bit Input Shift Register Contents for Software Reset Command
DB23 to DB22 (MSB)
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB1
DB0 (LSB)
x
1
0
1
x
x
x
x
1/0
Don’t care
Command bits (C2 to C0)
Address bits (A2 to A0)
Don’t care
Determines software
reset mode
Table 13. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation for the AD5624R/AD5644R/AD5664R
DB23 to
DB22
(MSB)
DB21
DB20
DB19
DB18
DB17
DB16
DB15
to DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
x
1
0
0
x
x
x
x
PD1
PD0
DAC D
DAC C
DAC B
DAC A
Don’t
care
Command bits (C2 to C0)
Address bits (A2 to A0)
Don’t care
Don’t
care
Power-down
mode
Power-down/power-up channel
selection, set bit to 1 to select channel


Similar Part No. - AD5664RBRMZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5664RBRMZ-5 AD-AD5664RBRMZ-5 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5664RBRMZ-5REEL7 AD-AD5664RBRMZ-5REEL7 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results

Similar Description - AD5664RBRMZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com