Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1562ADR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1562ADR2G
Description  High Performance Active Clamp/Reset PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1562ADR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1562ADR2G Datasheet HTML 1Page - ON Semiconductor NCP1562ADR2G Datasheet HTML 2Page - ON Semiconductor NCP1562ADR2G Datasheet HTML 3Page - ON Semiconductor NCP1562ADR2G Datasheet HTML 4Page - ON Semiconductor NCP1562ADR2G Datasheet HTML 5Page - ON Semiconductor NCP1562ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1562ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1562ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1562ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
NCP1562A, NCP1562B
http://onsemi.com
2
Figure 1. Detailed Block Diagram
Vin
1
16
VAUX
Iinhibit
Istart
Disable
+
--
VAUX(on)
+
--
Central
Logic
Disable_VREF
5.0 V Reference
VAUX
P.O.R.
Bias
VREF
8
S
Dominant
Reset
Latch
R
Q
CAUX
VAUX(on)/
VAUX(off1)/
VAUX(off2)
+
--
+
--
One Shot
Pulse
VUV Soft--Stop
Complete
Thermal
Shutdown
STOP
UVOV
Detector
UVOV
Vin
R2
R1
2V
3V
Vref
CT
RT
6
RTCT
500 mA
SYNC
DMAX
Clock
Oscillator
7
SYNC
+
--
CSKIP
Comparator
+
--
VCSKIP
CSKIP
Control
Logic
VREF
ICSKIP(C)
ICSKIP(D)
12
CSKIP
CCSKIP
Clock
+
--
Not
Saturated
+
--
3.6 V
Saturation
Comparator
S
Dominant
Reset
Latch
R
Q
Q
Clock
FF Reset
Delay
Logic
Enable_Output
OUT1
15
VAUX
14
PGND
OUT2
13
VAUX
11
270 kΩ
20 kΩ
VREF
--
+
PWM
Comparator
-- +
Soft--Start
Comparator
-- +
FF
Comparator
+
--
0.2 V
3V
+
--
Vin
RFF
CFF
VEA
FF
3
5
GND
FF Reset
Ilimit
Comparator
+
--
+
--
0.2 V = A ver.
(0.5 V= Bver.)
OUT
Fixed80ns LEB
Clock
Enable
Not
Saturated
Soft--Start
Soft--Stop
Control Logic
STOP
VX
Soft--Start
Complete
Soft--Stop
Complete
VREF
ISS(C)
ISS(D)
10
SS
CSS
4
CS
Enable_Output
1V
2
tD
RD
9
VX


Similar Part No. - NCP1562ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
More results

Similar Description - NCP1562ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com