Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1580DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1580DR2G
Description  Low Voltage Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1580DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1580DR2G Datasheet HTML 1Page - ON Semiconductor NCP1580DR2G Datasheet HTML 2Page - ON Semiconductor NCP1580DR2G Datasheet HTML 3Page - ON Semiconductor NCP1580DR2G Datasheet HTML 4Page - ON Semiconductor NCP1580DR2G Datasheet HTML 5Page - ON Semiconductor NCP1580DR2G Datasheet HTML 6Page - ON Semiconductor NCP1580DR2G Datasheet HTML 7Page - ON Semiconductor NCP1580DR2G Datasheet HTML 8Page - ON Semiconductor NCP1580DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 4
1
Publication Order Number:
NCP1580/D
NCP1580
Low Voltage Synchronous
Buck Controller
The NCP1580 is a voltage mode PWM controller designed to
operate from a 5.0 V or 12 V supply and produce an output voltage as
low as 0.8 V. This 8−pin device provides an optimal level of
integration to reduce size and cost of the power supply. The NCP1580
has a fixed 350 kHz oscillator and soft−start function. The NCP1580
provides a 1.5 A floating gate driver design to drive N−Channel
MOSFETs in a synchronous configuration. Adaptive non−overlap
circuitry reduces switching losses by preventing simultaneous
conduction of both outputs. Protection features include thermal
shutdown and undervoltage lockout (UVLO). The NCP1580 is
available in an 8−pin SOIC package.
Features
Input Voltage Range from 4.5 V to 13.2 V
350 kHz Internal Oscillator
Boost Pin Operates to 26.5 V
Voltage Mode PWM Control
0.8 V $1.5% Internal Reference Voltage
Adjustable Output Voltage
Internal Soft−Start
Internal 1.5 A Gate Drivers
Adaptive Non−Overlap Circuit
90% Max Duty Cycle
Input UVLO
Overtemperature Protection
Fully Specified over −40°C to 85°C
Pb−Free Package is Available
Applications
Graphics Cards
Desktop Computers
Servers/Networking
DSP and FPGA Power Supply
DC−DC Regulator Modules
BST
TG
GND
BG
COMP
FB
VCC
SWN
VIN
VOUT
Figure 1. Typical Application Diagram
SOIC−8
D SUFFIX
CASE 751
1
8
MARKING
DIAGRAM
PIN CONNECTIONS
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
1
BST
8 PHASE
2
TG
3
GND
4
BG
7 COMP
6 FB
5 VCC
(Top View)
1580
ALYW
Device
Package
Shipping
ORDERING INFORMATION
NCP1580DR2
SOIC−8
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NCP1580DR2G
SOIC−8
(Pb−Free)
2500/Tape & Reel
1
8
http://onsemi.com


Similar Part No. - NCP1580DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1580 ONSEMI-NCP1580 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP1580DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com