Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1595A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1595A
Description  Current Mode PWM Converter for Low Voltage Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1595A Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1595A Datasheet HTML 1Page - ON Semiconductor NCP1595A Datasheet HTML 2Page - ON Semiconductor NCP1595A Datasheet HTML 3Page - ON Semiconductor NCP1595A Datasheet HTML 4Page - ON Semiconductor NCP1595A Datasheet HTML 5Page - ON Semiconductor NCP1595A Datasheet HTML 6Page - ON Semiconductor NCP1595A Datasheet HTML 7Page - ON Semiconductor NCP1595A Datasheet HTML 8Page - ON Semiconductor NCP1595A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP1595, NCP1595A
http://onsemi.com
4
PIN FUNCTION DESCRIPTIONS
Pin #
Symbol
Pin Description
NCP1595
1
FB
Feedback pin. Part is internally compensated. Only necessary to place a voltage divider or connect the out-
put directly to this pin.
2
GND
Ground
3
LX
Pin connected internally to power switch. Connect externally to inductor.
4
VCCP
Power connection to the power switch.
5
VCC
IC power connection.
6
NC
No Connection
NCP1595A
1
FB
Feedback pin. Part is internally compensated. Only necessary to place a voltage divider or connect the out-
put directly to this pin.
2
GND
Ground
3
LX
Pin connected internally to power switch. Connect externally to inductor.
4
VCCP
Power connection to the power switch.
5
VCC
IC power connection.
6
EN
Device Enable pin. This pin has an internal current source pull up. No connect is enable the device. With this
pin pulled down below 0.4 V, the device is disabled and enters the shutdown mode.
+
+
+
Power Reset
Under Voltage
Logout
Thermal
Shutdown
Control Logic
Oscillator
L1
C2
R1
R2
Soft Start
VCC
VCCP
NC/EN
FB
LX
GND
C1
Over Voltage
Protection
+
VIN
Figure 2. Detail Block Diagram
VOUT = 0.8 V
to 0.9
VIN


Similar Part No. - NCP1595A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1595AMNR2G ONSEMI-NCP1595AMNR2G Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1595AMNR2G ONSEMI-NCP1595AMNR2G Datasheet
354Kb / 13P
   Synchronous GBuck Regulator
March, 2014 ??Rev. 11
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
354Kb / 13P
   Synchronous GBuck Regulator
March, 2014 ??Rev. 11
More results

Similar Description - NCP1595A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1619 LINER-LT1619 Datasheet
256Kb / 20P
   Low Voltage Current Mode PWM Controller
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
   Low Voltage Current Mode PWM Controller
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
logo
Shenzhen Huazhimei Semi...
HM6293B HMSEMI-HM6293B Datasheet
689Kb / 6P
   Low noise 4.5A boost current mode PWM converter
logo
Feeling Technology Corp...
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6298 FEELING-FP6298 Datasheet
346Kb / 10P
   Low-Noise 4.5A Step-Up Current Mode PWM Converter
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com