Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1595MNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1595MNR2G
Description  Current Mode PWM Converter for Low Voltage Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1595MNR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1595MNR2G Datasheet HTML 3Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 4Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 5Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 6Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 7Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 8Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 9Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 10Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP1595, NCP1595A
http://onsemi.com
7
Figure 9. Output Voltage Change vs. Output
Current
Figure 10. Efficiency vs. Output Current
Figure 11. Output Voltage Change vs.
Output Current
Figure 12. Efficiency vs. Output Current
Figure 13. Efficiency vs. Output Current
Figure 14. Output Voltage Change vs.
Output Current
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
10
100
1000
10000
VOUT = 3.3 V
L = 3.3
mH
CIN = 22 mF
COUT = 22 mF
VIN = 4.0 V
VIN = 5.0 V
20
30
40
50
60
70
80
90
100
10
100
1000
10000
VOUT = 3.3 V
L = 3.3
mH
CIN = 22 mF
COUT = 22 mF
VIN = 4.0 V
VIN = 5.0 V
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
10
100
1000
10000
VIN = 4.0 V
VIN = 5.0 V
VOUT = 1.8 V
L = 3.3
mH
CIN = 22 mF
COUT = 22 mF
20
30
40
50
60
70
80
90
100
10
100
1000
10000
VIN = 4.0 V
VIN = 5.0 V
VOUT = 1.8 V
L = 3.3
mH
CIN = 22 mF
COUT = 22 mF
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
10
100
1000
10000
VIN = 4.0 V
VIN = 5.0 V
VOUT = 1.2 V
L = 3.3
mH
CIN = 22 mF
COUT = 22 mF
20
30
40
50
60
70
80
90
100
10
100
1000
10000
VIN = 4.0 V
VIN = 5.0 V
VOUT = 1.2 V
L = 3.3
mH
CIN = 22 mF
COUT = 22 mF


Similar Part No. - NCP1595MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1595MNR2G ONSEMI-NCP1595MNR2G Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1595MNR2G ONSEMI-NCP1595MNR2G Datasheet
354Kb / 13P
   Synchronous GBuck Regulator
March, 2014 ??Rev. 11
More results

Similar Description - NCP1595MNR2G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1619 LINER-LT1619 Datasheet
256Kb / 20P
   Low Voltage Current Mode PWM Controller
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
   Low Voltage Current Mode PWM Controller
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
logo
Shenzhen Huazhimei Semi...
HM6293B HMSEMI-HM6293B Datasheet
689Kb / 6P
   Low noise 4.5A boost current mode PWM converter
logo
Feeling Technology Corp...
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6298 FEELING-FP6298 Datasheet
346Kb / 10P
   Low-Noise 4.5A Step-Up Current Mode PWM Converter
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com