Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2990 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP2990
Description  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2990 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP2990 Datasheet HTML 5Page - ON Semiconductor NCP2990 Datasheet HTML 6Page - ON Semiconductor NCP2990 Datasheet HTML 7Page - ON Semiconductor NCP2990 Datasheet HTML 8Page - ON Semiconductor NCP2990 Datasheet HTML 9Page - ON Semiconductor NCP2990 Datasheet HTML 10Page - ON Semiconductor NCP2990 Datasheet HTML 11Page - ON Semiconductor NCP2990 Datasheet HTML 12Page - ON Semiconductor NCP2990 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP2990
http://onsemi.com
10
Gain−Setting Resistor Selection (Rin and Rf)
Rin and Rf set the closed−loop gain of the amplifier.
In order to optimize device and system performance, the
NCP2990 should be used in low gain configurations.
The low gain configuration minimizes THD + noise
values and maximizes the signal to noise ratio, and the
amplifier can still be used without running into the
bandwidth limitations.
A closed loop gain in the range from 2 to 5 is
recommended to optimize overall system performance.
An input resistor (Rin) value of 22 k
W is realistic in most
of applications, and doesn’t require the use of a too large
capacitor Cin.
Input Capacitor Selection (Cin)
The input coupling capacitor blocks the DC voltage at
the amplifier input terminal. This capacitor creates a
high−pass filter with Rin, the cut−off frequency is given by
fc
+
1
2*
P *Rin *Cin
.
The size of the capacitor must be large enough to couple
in low frequencies without severe attenuation.
An input capacitor value between 33 nF and 220 nF
performs well in many applications (With Rin = 22 K
W).
Bypass Capacitor Selection (Cby)
The bypass capacitor Cby provides half−supply filtering
and determines how fast the NCP2990 turns on. With a
single−ended audio input, the amplifier will be a zero pop
noise device no matter the bypass capacitor.
Figure 25. Schematic of the NCP2990 Demonstration Board
+
+
Vp
INM
Vp
8
W
OUTA
OUTB
20 k
W
20 k
W
INP
BYPASS
20 k
W
1
mF
100 nF
VM
VM_P
SHUTDOWN
CONTROL
C3
1
mFC4
SHUTDOWN
R1
C1
AUDIO
INPUT
R2
20 k
W
R3
150 k
W
C2*
*C2, TP1, TP2, and TP3: Not Mounted
J11
J5
J7
J12
Vp
J6
J8
J3*
TP1*
Vp
TP2*
OUTA
TP3*
OUTB


Similar Part No. - NCP2990

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
NCP2991 ONSEMI-NCP2991 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991FCT2G ONSEMI-NCP2991FCT2G Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
NCP2991FCT2G ONSEMI-NCP2991FCT2G Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
More results

Similar Description - NCP2990

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2892 ONSEMI-NCP2892 Datasheet
158Kb / 16P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 3
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP2993FCT2GEVB ONSEMI-NCP2993FCT2GEVB Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com