Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP3418B Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP3418B
Description  MOSFET Driver with Dual Outputs for Synchronous Buck Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418B Datasheet(HTML) 5 Page - ON Semiconductor

  NCP3418B Datasheet HTML 1Page - ON Semiconductor NCP3418B Datasheet HTML 2Page - ON Semiconductor NCP3418B Datasheet HTML 3Page - ON Semiconductor NCP3418B Datasheet HTML 4Page - ON Semiconductor NCP3418B Datasheet HTML 5Page - ON Semiconductor NCP3418B Datasheet HTML 6Page - ON Semiconductor NCP3418B Datasheet HTML 7Page - ON Semiconductor NCP3418B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCP3418B
http://onsemi.com
5
10%
90%
Figure 2. Output Disable Timing Diagram
DRVH
or
DRVL
OD
tpdlOD
tpdhOD
90%
10%
10%
90%
90%
10%
10%
90%
2V
2V
Figure 3. Nonoverlap Timing Diagram
DRVL
tpdlDRVL
tfDRVL
tpdhDRVH
trDRVH
tpdlDRVH
tfDRVH
trDRVL
tpdhDRVL
DRVH−SW
SW
IN
APPLICATIONS INFORMATION
Theory of Operation
The NCP3418B is a single phase MOSFET driver designed
for driving two N−channel MOSFETs in a synchronous buck
converter topology. The NCP3418B will operate from 5 V or
12 V, but it has been optimized for high current multi−phase
buck regulators that convert 12 Volt rail directly to the core
voltage required by complex logic chips. A single PWM input
signal is all that is required to properly drive the high−side and
the low−side MOSFETs. Each driver is capable of driving a
3.3 nF load at frequencies up to 500 kHz.
Low−Side Driver
The
low−side
driver
is
designed
to
drive
a
ground−referenced low RDS(on) N−Channel MOSFET. The
voltage rail for the low−side driver is internally connected to
the VCC supply and PGND.
High−Side Driver
The high−side driver is designed to drive a floating low
RDS(on) N−channel MOSFET. The gate voltage for the high
side driver is developed by a bootstrap circuit referenced to
Switch Node (SW) pin.
The bootstrap circuit is comprised of an external diode,
and an external bootstrap capacitor. When the NCP3418B is
starting up, the SW pin is at ground, so the bootstrap
capacitor will charge up to VCC through the bootstrap diode
See Figure 4. When the PWM input goes high, the high−side
driver will begin to turn on the high−side MOSFET using the
stored charge of the bootstrap capacitor. As the high−side
MOSFET turns on, the SW pin will rise. When the high−side
MOSFET is fully on, the switch node will be at 12 volts, and
the BST pin will be at 12 volts plus the charge of the
bootstrap capacitor (approaching 24 volts).
The bootstrap capacitor is recharged when the switch
node goes low during the next cycle.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn