Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP3418B Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCP3418B
Description  MOSFET Driver with Dual Outputs for Synchronous Buck Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418B Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3418B Datasheet HTML 1Page - ON Semiconductor NCP3418B Datasheet HTML 2Page - ON Semiconductor NCP3418B Datasheet HTML 3Page - ON Semiconductor NCP3418B Datasheet HTML 4Page - ON Semiconductor NCP3418B Datasheet HTML 5Page - ON Semiconductor NCP3418B Datasheet HTML 6Page - ON Semiconductor NCP3418B Datasheet HTML 7Page - ON Semiconductor NCP3418B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP3418B
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Value
Unit
Operating Ambient Temperature, TA
0 to 85
°C
Operating Junction Temperature, TJ (Note 1)
0 to 150
°C
Package Thermal Resistance: SO−8
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA (2−Layer Board)
Package Thermal Resistance: DFN−10 (Note 2)
Junction−to−Case, RqJC (From die to exposed pad)
Junction−to−Ambient, RqJA
45
123
7.5
55
°C/W
°C/W
°C/W
°C/W
Storage Temperature Range, TS
−65 to 150
°C
Lead Temperature Soldering (10 sec): Reflow (SMD styles only)
Pb−Free (Note 3)
260 peak
°C
JEDEC Moisture Sensitivity Level
SO−8 (260 peak profile)
1
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Internally limited by thermal shutdown, 150
°C min.
2. 2 layer board, 1 in2 Cu, 1 oz thickness.
3. 60−180 seconds minimum above 237
°C.
NOTE:
This device is ESD sensitive. Use standard ESD precautions when handling.
MAXIMUM RATINGS
Pin Symbol
Pin Name
VMAX
VMIN
VCC
Main Supply Voltage Input
15 V
−0.3 V
BST
Bootstrap Supply Voltage Input
30 V wrt/PGND
35 V
v 50 ns wrt/PGND
15 V wrt/SW
−0.3 V wrt/SW
SW
Switching Node
(Bootstrap Supply Return)
30 V
−1.0 V DC
−10 V< 200 ns
DRVH
High−Side Driver Output
BST + 0.3 V
35 V
v 50 ns wrt/PGND
15 V wrt/SW
−0.3 V wrt/SW
DRVL
Low−Side Driver Output
VCC + 0.3 V
−0.3 V DC
−2.0 V < 200 ns
IN
DRVH and DRVL Control Input
VCC + 0.3 V
−0.3 V
OD
Output Disable
VCC + 0.3 V
−0.3 V
PGND
Ground
0 V
0 V
NOTE:
All voltages are with respect to PGND except where noted.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn