Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP3418B Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP3418B
Description  MOSFET Driver with Dual Outputs for Synchronous Buck Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418B Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3418B Datasheet HTML 1Page - ON Semiconductor NCP3418B Datasheet HTML 2Page - ON Semiconductor NCP3418B Datasheet HTML 3Page - ON Semiconductor NCP3418B Datasheet HTML 4Page - ON Semiconductor NCP3418B Datasheet HTML 5Page - ON Semiconductor NCP3418B Datasheet HTML 6Page - ON Semiconductor NCP3418B Datasheet HTML 7Page - ON Semiconductor NCP3418B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP3418B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Note 4) (VCC = 12 V, TA = 0°C to +85°C, TJ = 0°C to +125°C unless otherwise noted.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Supply
Supply Voltage Range
VCC
4.6
13.2
V
Supply Current
ISYS
BST = 12 V, IN = 0 V
2.0
6.0
mA
OD Input
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Hysteresis
500
mV
Input Current
No internal pull−up or pull−down resistors
−1.0
+1.0
mA
Propagation Delay Time (Note 5)
tpdlOD
tpdhOD
30
30
50
50
60
60
ns
ns
PWM Input
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Hysteresis
500
mV
Input Current
No internal pull−up or pull−down resistors
−1.0
+1.0
mA
High−Side Driver
Output Resistance, Sourcing Current
VBST − VSW = 12 V (Note 7)
1.8
3.0
W
Output Resistance, Sinking Current
VBST − VSW = 12 V (Note 7)
1.0
2.5
W
Transition Times (Note 5)
trDRVH
tfDRVH
VBST − VSW = 12 V, CLOAD = 3.0 nF
(See Figure 3)
16
11
25
15
ns
ns
Propagation Delay (Notes 5 & 6)
tpdhDRVH
tpdlDRVH
VBST − VSW = 12 V
30
25
60
45
ns
ns
Low−Side Driver
Output Resistance, Sourcing Current
VCC = 12 V (Note 7)
1.8
3.0
W
Output Resistance, Sinking Current
VCC − VSW = 12 V (Note 7)
1.0
2.5
W
Timeout Delay
DRVH−SW = 0
85
ns
Transition Times
trDRVL
tfDRVL
CLOAD = 3.0 nF
(See Figure 3)
16
11
25
15
ns
ns
Propagation Delay
tpdhDRVL
tpdlDRVL
(See Figure 3)
30
20
60
30
ns
ns
Undervoltage Lockout
UVLO Startup
3.7
3.9
4.4
V
UVLO Shutdown
3.2
3.5
3.9
V
Hysteresis
0.3
0.4
0.7
V
Thermal Shutdown
Over Temperature Protection
(Note 7)
150
170
°C
Hysteresis
(Note 7)
20
°C
4. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
5. AC specifications are guaranteed by characterization, but not production tested.
6. For propagation delays, “tpdh’’ refers to the specified signal going high; “tpdl’’ refers to it going low.
7. GBD: Guaranteed by design; not tested in production.
Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn