Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5210 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5210
Description  3-in-1 PWM Dual Buck and Linear DDR Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5210 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5210 Datasheet HTML 5Page - ON Semiconductor NCP5210 Datasheet HTML 6Page - ON Semiconductor NCP5210 Datasheet HTML 7Page - ON Semiconductor NCP5210 Datasheet HTML 8Page - ON Semiconductor NCP5210 Datasheet HTML 9Page - ON Semiconductor NCP5210 Datasheet HTML 10Page - ON Semiconductor NCP5210 Datasheet HTML 11Page - ON Semiconductor NCP5210 Datasheet HTML 12Page - ON Semiconductor NCP5210 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP5210
http://onsemi.com
9
Figure 13. VDDQ Source Current Transient,
0A−20A−0A
TYPICAL OPERATING WAVEFORMS
Figure 14. V1P5 Source Current Transient,
0A−12A−0A
Channel 1: Current Sourced into of VDDQ, 10 A/div
Channel 2: VDDQ Output Voltage, AC−Coupled, 100 mV/div
Channel 3: VTT Output Voltage, AC−Coupled, 100 mV/div
Channel 4: V1P5 Output Voltage, AC−Coupled, 100 mV/div
Time Base: 1.0 ms/div
Channel 1: Current Sourced into of V1P5, 10 A/div
Channel 2: VDDQ Output Voltage, AC−Coupled, 100 mV/div
Channel 3: VTT Output Voltage, AC−Coupled, 50 mV/div
Channel 4: V1P5 Output Voltage, AC−Coupled, 100 mV/div
Time Base: 1.0 ms/div
Channel 1: Current Sourced into of VDDQ, 2.0 A/div
Channel 2: VDDQ Output Voltage, AC−Coupled, 20 mV/div
Time Base: 1.0 ms/div
Figure 15. S3 Mode without 12VATX, 0A−2A−0A


Similar Part No. - NCP5210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5210MNR2G ONSEMI-NCP5210MNR2G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NCP5210

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7116 ANPEC-APW7116 Datasheet
481Kb / 29P
   3-in-1 Dual PWM Buck and LinearDDR Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5209 ONSEMI-NCP5209 Datasheet
172Kb / 20P
   4-In-1 PWM Buck and Tri-Linear Power Controller
June, 2004 ??Rev. 1
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com