Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP5210 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP5210
Description  3-in-1 PWM Dual Buck and Linear DDR Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5210 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5210 Datasheet HTML 1Page - ON Semiconductor NCP5210 Datasheet HTML 2Page - ON Semiconductor NCP5210 Datasheet HTML 3Page - ON Semiconductor NCP5210 Datasheet HTML 4Page - ON Semiconductor NCP5210 Datasheet HTML 5Page - ON Semiconductor NCP5210 Datasheet HTML 6Page - ON Semiconductor NCP5210 Datasheet HTML 7Page - ON Semiconductor NCP5210 Datasheet HTML 8Page - ON Semiconductor NCP5210 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP5210
http://onsemi.com
2
BUF_Cut
BUF_Cut
FBVTT
COUT2
1.25 V,
2 Apk
VDDQ
SS
CSS
1.5 V, 10 A
TG_1P5
BG_1P5
GND_1P5
M4
VMCH
13 V
Zener
M1
TG_DDQ
M2
SW_DDQ
BG_DDQ
RZ2
R1
R2
FBDDQ
COMP
CP1
RZ1
CZ1
VDDQ
COUT1
VDDQ
2.5 V, 20 A
PGND
CZ2
BOOT
12 V
5VDUAL
L
L
COUT3
RZM2
CZM2
R5
R6
CPM1
RZM1
CZM1
M3
5VDUAL
FB_1P5
COMP_1P5
AGND
DDQ_REF
Figure 1. Application Diagram
5VDUAL
VTT
VTT
NCP5210


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn