Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP5210 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCP5210
Description  3-in-1 PWM Dual Buck and Linear DDR Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5210 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5210 Datasheet HTML 1Page - ON Semiconductor NCP5210 Datasheet HTML 2Page - ON Semiconductor NCP5210 Datasheet HTML 3Page - ON Semiconductor NCP5210 Datasheet HTML 4Page - ON Semiconductor NCP5210 Datasheet HTML 5Page - ON Semiconductor NCP5210 Datasheet HTML 6Page - ON Semiconductor NCP5210 Datasheet HTML 7Page - ON Semiconductor NCP5210 Datasheet HTML 8Page - ON Semiconductor NCP5210 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCP5210
http://onsemi.com
3
GND_1P5
VDDQ
ILIM
L
VOCP
OSC
CONTROL
LOGIC
TG_DDQ
PGND
SW_DDQ
BG_DDQ
VOLTAGE
and CURRENT
REFERENCE
VREF
_VREFGD
S0
S3
BOOT_
UVLO
VREF
R10
R11
VCC
THERMAL
SHUTDOWN
TSD
5VDUAL_
UVLO
R12
R13
5VDUAL
VREF
_5VDLGD
_BOOTGD
S0
S3
BUF_CUT
COUT1
VDDQ
COMP
RZ2
CZ2
CP1
RZ1
CZ1
FBDDQ
R1
R2
AMP
A1
VREF
PGND
M1
CSS
M2
M3
VTT
Regulation
Control
AGND
VDDQ
FBVTT
R18
R19
R17
R16
AGND
S0
5VDUAL
5VDUAL
AGND
PGND
COUT2
DDQ_REF
5VDUAL
12 V
BOOT
13 V
Zener
AMP_MCH
A1
VREF
PGND
PGND
PGND
COMP_1P5
RZM2
CZM2
CPM1
RZM1
CZM1
FBDDQ
RM1
M2
M4
M3
5VDUAL
L2
COUT2
VMCH
TP_1P5
BG_1P5
RM2
5VDUAL
5VDUAL
and
V1P5
PWM
LOGIC
Figure 2. Internal Block Diagram
180
5 Phase
Shift
VTT
VCC
VCC
VCC
VCC
VTT
PGND
VCC
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn