Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5220MNR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5220MNR2
Description  3?뭝n?? PWM Dual Buck and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5220MNR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5220MNR2 Datasheet HTML 6Page - ON Semiconductor NCP5220MNR2 Datasheet HTML 7Page - ON Semiconductor NCP5220MNR2 Datasheet HTML 8Page - ON Semiconductor NCP5220MNR2 Datasheet HTML 9Page - ON Semiconductor NCP5220MNR2 Datasheet HTML 10Page - ON Semiconductor NCP5220MNR2 Datasheet HTML 11Page - ON Semiconductor NCP5220MNR2 Datasheet HTML 12Page - ON Semiconductor NCP5220MNR2 Datasheet HTML 13Page - ON Semiconductor NCP5220MNR2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP5220
http://onsemi.com
10
DETAILED OPERATION DESCRIPTIONS
General
The NCP5220 3−in−1 PWM Dual Buck Linear DDR
Power Controller contains two high efficiency PWM
controllers and an integrated two−quadrant linear regulator.
The VDDQ supply is produced by a PWM switching
controller with two external N−Ch FETs. The VTT
termination voltage is an integrated linear regulator with
sourcing and sinking current capability which tracks at
½
VDDQ. The MCH core voltage is created by the secondary
switching controller.
The inclusion of soft−start, supply undervoltage monitors
and thermal shutdown, makes this device a total power
solution for the MCH and DDR memory system. This device
is packaged in a DFN−20.
ACPI Control Logic
The ACPI control logic is powered by the 5VDUAL
supply. It accepts external control at the SLP_S3 input and
internal supply voltage monitoring signals from two
UVLOs to decode the operating mode in accordance with
the state transition diagram in Figure 18.
These UVLOs monitor the external supplies, 5VDUAL
and 12VATX, through 5VDUAL and BOOT pins
respectively. Two control signals, _5VDUALGD and
_BOOTGD, are asserted when the supply voltages are good.
When the device is powered up initially, it is in the S5
shutdown mode to minimize the power consumption. When
all three supply voltages are good with SLP_S3 and SLP_S5
remaining HIGH, the device enters the S0 normal operating
mode. The transition of SLP_S3 from HIGH to LOW while
in the S0 mode, triggers the device into the S3 sleep mode.
In S3 mode the 12VATX supply collapses. On transition of
SLP_S3 from LOW to HIGH, the device returns to S0 mode.
The IC can re−enter S5 mode by setting SLP_S5 LOW. A
timing diagram is shown in Figure 17.
Table 1 summarizes the operating states of all the
regulators, as well as the conditions of the output pins.
Internal Bandgap Voltage Reference
An internal bandgap reference is generated whenever
5VDUAL exceeds 2.7 V. Once this bandgap reference is in
regulation, an internal signal _VREFGD will be asserted.
S5 to S0 Mode Power−Up Sequence
The ACPI control logic is enabled by the assertion of
_VREFGD. Once the ACPI control is activated, the power−
up sequence starts by waking up the 5VDUAL voltage
monitor block. If the 5VDUAL supply is within the preset
levels, the BOOT undervoltage monitor block is then
enabled. After 12VATX is ready and the BOOT UVLO is
asserted LOW, the ACPI control triggers this device from S5
shutdown mode into S0 normal operating mode by
activating the soft−start of DDQ switching regulator,
providing SLP_S3 and SLP_S5 remain HIGH.
Once the DDQ regulator is in regulation and the soft−start
interval is completed, the _InRegDDQ signal is asserted
HIGH to enable the VTT regulator as well as the V1P5
switching regulator.
DDQ Switching Regulator
In S0 mode the DDQ regulator is a switching synchronous
rectification buck controller driving two external power
N−Ch FETs to supply up to 20 A. It employs voltage mode
fixed frequency PWM control with external compensation
switching at 250kHz
± 13.2%. As shown in Figure 2, the
VDDQ output voltage is divided down and fed back to the
inverting input of an internal amplifier through the FBDDQ
pin to close the loop at VDDQ = VFBQ
× (1 + R1/R2). This
amplifier compares the feedback voltage with an internal
reference voltage of 1.190 V to generate an error signal for
the PWM comparator. This error signal is compared with a
fixed frequency RAMP waveform derived from the internal
oscillator to generate a pulse−width−modulated signal. This
PWM signal drives the external N−Ch FETs via the
TG_DDQ and BG_DDQ pins. External inductor L and
capacitor COUT1 filter the output waveform. When the IC
leaves the S5 state, the VDDQ output voltage ramps up at a
soft−start rate controlled by the capacitor at the SS pin.
When the regulation of VDDQ is detected in S0 mode,
_INREGDDQ goes HIGH to notify the control block.
In S3 standby mode, the switching frequency is doubled
to reduce the conduction loss in the external N−Ch FETs.
Table 1. Mode, Operation and Output Pin Conditions
OPERATING CONDITIONS
OUTPUT PIN CONDITIONS
MODE
DDQ
VTT
MCH
TG_DDQ
BG_DDQ
TP_1P5
BG_1P5
S0
Normal
Normal
Normal
Normal
Normal
Normal
Normal
S3
Standby
H−Z
OFF
Standby
Standby
Low
Low
S5
OFF
H−Z
OFF
Low
Low
Low
Low


Similar Part No. - NCP5220MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
NCP5220AMNR2 ONSEMI-NCP5220AMNR2 Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
NCP5220AMNR2G ONSEMI-NCP5220AMNR2G Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
More results

Similar Description - NCP5220MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Anpec Electronics Corop...
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com