Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5306 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5306
Description  Three?뭁hase VRM 9.0 Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5306 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5306 Datasheet HTML 3Page - ON Semiconductor NCP5306 Datasheet HTML 4Page - ON Semiconductor NCP5306 Datasheet HTML 5Page - ON Semiconductor NCP5306 Datasheet HTML 6Page - ON Semiconductor NCP5306 Datasheet HTML 7Page - ON Semiconductor NCP5306 Datasheet HTML 8Page - ON Semiconductor NCP5306 Datasheet HTML 9Page - ON Semiconductor NCP5306 Datasheet HTML 10Page - ON Semiconductor NCP5306 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NCP5306
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCC < 14 V; CGATEx = 100 pF,
CCOMP = 0.01μF, CSS = 0.1μF, CVCC = 0.1μF, RROSC = 32.4 kΩ, VOCSET = 0.54 V, DAC Code 01110; unless otherwise stated.)
Parameter
Unit
Max
Typ
Min
Test Conditions
Current Sense Amplifiers
OCSET Input Bias Current
OCSET = 0 V
0.1
1.0
μA
Current Sense Input to OCSET
Gain
OCSET/(CSx−CSREF), 0.25 V <
OCSET < 0.6 V, GATEx not
switching
3.2
3.7
4.3
V/V
Current Limit Filter Slew Rate
CSREF = 1.1 V, CSx = 1.0 V, pulse
CSx to 1.16 V, Note 5.
2.0
5.0
13
mV/μs
General Electrical Specification
VCC Operating Current
COMP = 0.3 V (no switching)
20
30
mA
UVLO Start Threshold
SS Charging Gates Switching
8.5
9.0
9.5
V
UVLO Stop Threshold
Gates not switching, SS & COMP
discharging
7.5
8.0
8.5
V
UVLO Hysteresis
Start−Stop
0.8
1.0
1.2
V
5. Guaranteed by design. Not tested in production.
PACKAGE PIN DESCRIPTION
Pin Number
Pin Symbol
Pin Name
Function
1
GND
Ground
IC power supply return. Connected to IC substrate.
2
OCSET
Overcurrent Set
Resistor divider from ROSC to GND. Programs the threshold of the hiccup
overcurrent protection.
3
ROSC
Oscillator Frequency
Adjust
ROSC is a regulated 1.0 V output and programs the oscillator frequency
with a resistor to GND.
4−6
CS3−CS1
Current Sense Inputs
Non−inverting inputs to the current sense amplifiers.
7, 20
NC
No Connect
Pins not connected to IC.
8
CSREF
Current Sense Reference
Inverting input to the current sense amplifiers and reference for Power Good.
9
VDRP
Current Sense Amp
Output
Programs the voltage drop due to loading. A resistor from VDRP to FB
programs the amount of Adaptive Voltage Positioning. Omitting this
resistor defeats the AVP function.
10
VFB
Voltage Feedback
Error Amplifier inverting input. Input bias current is used to program AVP
light load offset via a resistor connected to the converter output voltage.
11
COMP
Error Amp Output and
PWM Comparator Input
Provides loop compensation and is clamped by SS.
12
SS
Soft Start
Controls fault timing and startup.
13
PWRGD
Power Good Output
Open collector output, which is “low” when the converter output is out of
regulation.
14
PWRGDS
Power Good Sense
A resistor divider from VOUT to GND programs the Power Good lower
threshold.
15−19
VID4−VID0
DAC VID Inputs
TTL−compatible logic input used to program the converter output voltage.
Internal 50 kΩ pull−ups to 3.3 V via a blocking diode are provided. All high
generates fault.
21−23
GATE3−1
Channel Outputs
PWM outputs to drive FET driver IC.
24
VCC
Supply Input
IC bias input.


Similar Part No. - NCP5306

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304 Datasheet
138Kb / 15P
   High Voltage, High and Low Side Driver
July, 2007 - Rev. 1
NCP5304 ONSEMI-NCP5304 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5304DR2G ONSEMI-NCP5304DR2G Datasheet
138Kb / 15P
   High Voltage, High and Low Side Driver
July, 2007 - Rev. 1
NCP5304DR2G ONSEMI-NCP5304DR2G Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5304PG ONSEMI-NCP5304PG Datasheet
138Kb / 15P
   High Voltage, High and Low Side Driver
July, 2007 - Rev. 1
More results

Similar Description - NCP5306

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
   Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
logo
List of Unclassifed Man...
RT9224C ETC1-RT9224C Datasheet
208Kb / 8P
   VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
logo
Maxim Integrated Produc...
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
ON Semiconductor
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
logo
Maxim Integrated Produc...
MAX5037 MAXIM-MAX5037 Datasheet
1Mb / 30P
   VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Rev 3; 4/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com